Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

803-001-06C5-3PN Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 803-001-06C5-3PN
Description  Bayonet Cable Plugs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-001-06C5-3PN Datasheet(HTML) 2 Page - Glenair, Inc.

  803-001-06C5-3PN Datasheet HTML 1Page - Glenair, Inc. 803-001-06C5-3PN Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
F
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-4
E-Mail: sales@glenair.com
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
DIMENSIONS
Shell
Size
A Thread
UNEF-2A
Ø B Max
Ø C
In.
mm.
In.
mm.
5
.2500-32
.500
12.70
.245
6.22
6
.3125-32
.565
14.35
.290
7.37
7
.4375-28
.650
16.51
.390
9.91
8
.5000-28
.750
19.05
.440
11.18
9
.5625-24
.790
20.07
.500
12.70
10
.6250-24
.875
22.23
.562
14.27
12
.6875-24
.944
23.98
.650
16.51
14
.9375-20
1.095
27.81
.805
20.45
15
.9375-20
1.160
29.46
.850
21.59
Series 803 Bayonet Cable Plug Dimensions
SERIES 803 PLUG KEY POSITIONS
N
150°
210°
X
75°
210°
Y
95°
230°
Z
140°
275°
Intergral Band Platform
803-001
Accessory Thread
803-002
ø B MAX
.93 (23.6) MAX
ø C
A THD
.93 (23.6) MAX
B° A°
Rev. 05-APR-2007


Similar Part No. - 803-001-06C5-3PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-001-06 GLENAIR-803-001-06 Datasheet
178Kb / 1P
   Mighty Mouse 1/4 Turn Bayonet Coupling
More results

Similar Description - 803-001-06C5-3PN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
31-5800 AMPHENOL-31-5800 Datasheet
53Kb / 1P
   Cable Plugs
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
901-9511-1SFC AMPHENOL-901-9511-1SFC Datasheet
57Kb / 1P
   Straight Cable Plugs
logo
Dubilier
DBCRJ45P88R DUBILIER-DBCRJ45P88R Datasheet
122Kb / 1P
   MODULAR PLUGS - ROUND CABLE
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
logo
MolexKits
76650-0149 MOLEXKITS-76650-0149 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
847281002 MOLEX-847281002 Datasheet
158Kb / 1P
   USB TYPE B BAYONET STYLE CABLE ASSEMBLY
2022/03/30
logo
Amphenol Corporation
031-5911-RFX AMPHENOL-031-5911-RFX Datasheet
95Kb / 1P
   BNC 50 ohm Angle Cable Plugs
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com