Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-28-D03CW Datasheet(PDF) 1 Page - Glenair, Inc.

Part # M83513-28-D03CW
Description  Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-28-D03CW Datasheet(HTML) 1 Page - Glenair, Inc.

  M83513-28-D03CW Datasheet HTML 1Page - Glenair, Inc. M83513-28-D03CW Datasheet HTML 2Page - Glenair, Inc. M83513-28-D03CW Datasheet HTML 3Page - Glenair, Inc. M83513-28-D03CW Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-23
E-Mail: sales@glenair.com
J
MIL-DTL-83513/28 Thru /33 Micro-D Connectors
Straight PCB Connectors (CBS)
Space-Saving — These connectors take up less room on the PC board. PC
tail spacing is .075 inch (1.9mm), compared to .100 inch (2.54mm.).
Threaded Inserts — Stainless steel inserts are insert molded into plastic trays.
These inserts provide a ground path from the PC board to the mating cable.
Solder-Dipped — Terminals are coated with SN63/Pb37 tin-lead solder for best
solderability.
HOW TO ORDER M83513/22 THRU /27 STRAIGHT PCB CONNECGTORS
Spec
Number
Slash Number- Shell Size
PC Tail Length
Shell Finish
Hardware Option
M83513
Plug (Pin Contacts)
28–A - 9 Contacts
28–B - 15 Contacts
28–C - 21 Contacts
28–D - 25 Contacts
28–E - 31 Contacts
28–F
- 37 Contacts
29–G - 51 Contacts
30–H - 100 Contacts
Receptacle (Socket Contacts)
31–A - 9 Contacts
31–B - 15 Contacts
31–C - 21 Contacts
31–D - 25 Contacts
31–E - 31 Contacts
31–F
- 37 Contacts
32–G - 51 Contacts
33–H - 100 Contacts
01 – .109 Inch (2.77 mm)
02 – .140 Inch (3.56 mm)
03 – .172 Inch (4.37 mm)
PC Tail Length
± .015 (0.38)
C – Cadmium
N – Electroless Nickel
P – Passivated SST
N – No Jackpost
P – Jackposts Installed
T – Threaded Insert in Board Mount
Hole (No Jackposts)
W –Threaded Insert in Board Mount
Hole and jackposts Installed
See "Hardware Options" below for
Illustrations
Sample Part Number
M83513/
33-H
01
C
P
HARDWARE OPTIONS
NP
T
W
No Jackpost
Jackpost
Threaded Insert
Jackpost, Threaded Insert
PC BOARD


Similar Part No. - M83513-28-D03CW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-22-A01CP GLENAIR-M83513-22-A01CP Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-22-A01CT GLENAIR-M83513-22-A01CT Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-22-A01CW GLENAIR-M83513-22-A01CW Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-22-A01NN GLENAIR-M83513-22-A01NN Datasheet
202Kb / 4P
   Micro-D Connectors
More results

Similar Description - M83513-28-D03CW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com