Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-019-AB2ZM5-3PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 802-019-AB2ZM5-3PA
Description  Cordsets For Harsh Environments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-019-AB2ZM5-3PA Datasheet(HTML) 1 Page - Glenair, Inc.

  802-019-AB2ZM5-3PA Datasheet HTML 1Page - Glenair, Inc. 802-019-AB2ZM5-3PA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-18
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Series 802 “Aqua Mouse”
3500 PSI Rated
Series 802 Overmolded
Cordset
HOW TO ORDER SERIES 802 OVERMOLDED CORDSETS
Sample Part Number
802-019
-A
C
2
Z1
9-19
N
A
-48
Series
End A
Connector
End B
Connector
Wire Size
Shell
Material /
Finish
Insert Arr.
Protective
Cover
Shell Key
Pos.
Length
802-019
Overmolded
Cordset,
Shielded,
with
Polyurethane
Cable Jacket
1 Meter
Immersion
802-020
Overmolded
Cordset,
Shielded,
with
Neoprene
Jacket and
Polyurethane
Overmolding,
2500 PSI
Rated
-A
Plug, with
Male Pin
Contacts
-B
Plug, with
Female
Socket
Contacts
-C
Receptacle,
with Male
Pin Contacts
D
Receptacle,
with Female
Socket
Contacts
A
Plug, with
Male Pin
Contacts
B
Plug, with
Female
Socket
Contacts
C
Receptacle,
with Male
Pin Contacts
D
Receptacle,
with Female
Socket
Contacts
N
No
Connector
(Single-
Ended)
2
#22 AWG
(Std.)
4
#24 AWG
(Std.)
6
#26 AWG
8
#28 AWG
Z1
Stainless
Steel /
Passivated
ZM
Stainless
Steel /
Electroless
Nickel
Plated
5-3
6-1
6-4
6-7
7-1
7-10
8-13
9-4
9-19
10-26
12-2
12-37
14-55
15-85
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
A
Pos. A
(Normal)
B
Pos. B
C
Pos. C
D
Pos. D
Overall
Length In
Inches
12 Inch Min.
802 Series Cordsets For Harsh Environments
Glenair’s “Aqua Mouse” molded
cordsets offer watertight sealing
and excellent cold temperature
flexibility. These cables are 100%
tested and ready to use.
Two Cable Types – Standard
polyamide overmolded cordsets offer
good chemical resistance and are
rated for one meter immersion. For
maximum performance and 2500 PSI
rating, choose neoprene jacket and
thermoset polyurethane overmolding.
Shielded – 90% braid coverage and
BAND-IT® shield termination meet
EMI requirements.
Simplified Ordering, No Minimums
ASAP cordsets are made-to-order
from stocked connectors and cable.
Choose #22 or #24 AWG cable with
standard Estane jacket for best
availability.
Rev. 08-FEB-2007


Similar Part No. - 802-019-AB2ZM5-3PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-019 GLENAIR-802-019 Datasheet
133Kb / 1P
   Shielded Overmolded Harsh Environment Cordsets
More results

Similar Description - 802-019-AB2ZM5-3PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
   Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
   Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
   Cordsets For Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
   Stability for harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
   CMOS VCXO for Harsh Environments
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
   Analog PE Smoke Sensor for Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
   Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
   12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
   IP68 sealed to endure harsh environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com