Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

804-005-00M5-3PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 804-005-00M5-3PA
Description  Receptacles With PCB or Solder Cup Contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

804-005-00M5-3PA Datasheet(HTML) 1 Page - Glenair, Inc.

  804-005-00M5-3PA Datasheet HTML 1Page - Glenair, Inc. 804-005-00M5-3PA Datasheet HTML 2Page - Glenair, Inc. 804-005-00M5-3PA Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
G-10
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 804 “Mighty Mouse”
Push-Pull Quick-Disconnect
Series 804 Printed
Circuit Board Receptacle
HOW TO ORDER SERIES 801 PRINTED CIRCUIT BOARD RECEPTACLES
Sample Part Number
804-005
-07
NF
9-4
E
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
804-005
Receptacle with
Solder Cup Contacts
or PC Tails
-00
Jam Nut, Front Panel
-07
Jam Nut, Rear Panel
C
Aluminum / Black Anodize
M
Aluminum / Electroless Nickel
NF
Aluminum / Cadmium with Olive
Drab Chromate
ZN
Aluminum / Zinc-Nickel with Olive
Drab Chromate
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
Z1
Stainless Steel
5-3
3 #23
6-1
1 #16
6-4
4 #23
6-7
7 #23
7-1
1 #12
7-10
10 #23
8-13
13 #23
9-4
4 #16
9-19
19 #23
10-26
26 #23
12-2
2 #12
12-37
37 #23
14-55
55 #23
15-85
85 #23
P
Pin,
PC Tail
S
Socket,
PC Tail
E
Pin,
Solder Cup
F
Socket,
Solder Cup
Omit
for Single
Master Key
A
Pos. A
(Normal)
B
Pos. B
C
Pos. C
D
Pos. D
Series 804 Receptacles With PCB or Solder Cup Contacts
Series 804 Receptacles feature
factory-installed non-removable
contacts. Connectors are backfilled
with rigid epoxy for a watertight seal.
Series 804 QDC Receptacles are
available in two jam nut shell styles.
Style 00 for front panel mounting; and
Style 07 for rear panel mounting.
PCB Contacts feature .020" (0.5mm)
diameter gold-plated tails for solder
termination to rigid or flexible circuits.
Solder Cup Contacts accept up to
#22 AWG stranded wire.
Rev. 05-APR-2007


Similar Part No. - 804-005-00M5-3PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-005-00 GLENAIR-804-005-00 Datasheet
194Kb / 1P
   Push-Pull Mighty Mouse Connector
More results

Similar Description - 804-005-00M5-3PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
   Receptacles for PCB or Solder Cup
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
242-383P GLENAIR-242-383P Datasheet
407Kb / 2P
   Plug with Solder Cup Contacts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com