Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDM5L-9PCBRR2 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # MWDM5L-9PCBRR2
Description  Micro-D Metal Shell Printed Circuit Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM5L-9PCBRR2 Datasheet(HTML) 3 Page - Glenair, Inc.

  MWDM5L-9PCBRR2 Datasheet HTML 1Page - Glenair, Inc. MWDM5L-9PCBRR2 Datasheet HTML 2Page - Glenair, Inc. MWDM5L-9PCBRR2 Datasheet HTML 3Page - Glenair, Inc. MWDM5L-9PCBRR2 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-4
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Micro-D Metal Shell Printed Circuit Board Connectors
CBR Style Right Angle thru-Hole
Patterns shown are for connector mounting side of PC board. 9 Thru 51 Contacts .096 (2.44) Diameter Mounting Holes, 100 Pin .125 (3.18) Diameter
.565 (14.35)
.020 (0.51)
.083 (2.11)
.100 (2.54)TYP
.100 (2.54)
.050 (1.27)TYP
CL
.250 (6.35)
FRONT OF CONNECTOR FLANGE
1
67389
24
5
.715 (18.16)
.250 (6.35)
.020 (0.51)
.108 (2.74)
.100 (2.54)
CL
.050 (1.27)TYP
FRONT OF CONNECTOR FLANGE
.100 (2.54)
16
7
312
10
11
13
14
15
8
9
24
5
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
CL
FRONT OF CONNECTOR FLANGE
.865 (21.97)
.250 (6.35)
.020 (0.51)
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
20
21
14
17
8
9
2
4
5
CL
FRONT OF CONNECTOR FLANGE
.965 (24.51)
.250 (6.35)
.020 (0.51)
.083 (2.11)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
312
10
11
13
15
16
18
19
22
24
21
20
23 25
14
17
8
9
24
5
FRONT OF CONNECTOR FLANGE
CL
1.115 (28.32)
.250 (6.35)
.020 (0.51)
.158
(4.01)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
14
17
8
9
2
4
5
FRONT OF CONNECTOR FLANGE
CL
1.265 (32.13)
.250 (6.35)
.020 (0.51)
.183
(4.65)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
34
35
14
17
8
9
24
5
FRONT OF CONNECTOR FLANGE
CL
1.215 (30.86)
.300 (7.62)
.050
(1.27)
.108
(2.74)
.100 (2.54)
.050 (1.27)TYP
.100 (2.54)
TYP
1
6
7
312
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
24
5
CL
.400 (10.16)
FRONT OF CONNECTOR FLANGE
.100 (2.54) TYP
.275 (6.99)
.100 (2.54)
.050 (1.27)TYP
.025 (0.64)
1.800 (45.72)
.275 (6.99)
1
6
7
3
12
10
11
13
15
16
18
19
22
24
21
20
23
25
26
27
28
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
97
98
99
100
87
88
89
90
91
92
93
94
95
96
29
30
31
32
36
33
37
38
45
39
46
40
47
41
48
42
49
43
50
44
51
34
35
14
17
8
9
24
5
MICRo-D CBR BoARD MouNt CoNNECtoR PCB LAYoutS – PIN CoNNECtoRS
9 PIN MWDM-9PCBR
15 PIN MWDM-15PCBR
21 PIN MWDM-21PCBR
25 PIN MWDM-25PCBR
31 PIN MWDM-31PCBR
37 PIN MWDM-37PCBR
51 PIN MWDM-51PCBR
100 PIN MWDM-100PCBR


Similar Part No. - MWDM5L-9PCBRR2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM5L-9PCBSNN GLENAIR-MWDM5L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM5L-9PCBSNU GLENAIR-MWDM5L-9PCBSNU Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM5L-9PCBSPN GLENAIR-MWDM5L-9PCBSPN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
MWDM5L-9PCBSRN GLENAIR-MWDM5L-9PCBSRN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
More results

Similar Description - MWDM5L-9PCBRR2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PBRP GLENAIR-MWDM1L-9PBRP Datasheet
477Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com