Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-009-06ZM6-4SA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 802-009-06ZM6-4SA
Description  Plug Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-009-06ZM6-4SA Datasheet(HTML) 1 Page - Glenair, Inc.

  802-009-06ZM6-4SA Datasheet HTML 1Page - Glenair, Inc. 802-009-06ZM6-4SA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-3
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 802 “Aqua Mouse”
3500 PSI Rated
Stainless Steel Shell and Nickel-
Aluminum-Bronze Coupling Nut
withstand corrosion in the most
hostile environments. Rated for 3500
PSI when mated, these connectors
are suitable for geophysical and
underwater applications.
Gold-Plated Contacts are supplied
loose for crimping to wire. High density
size 23 contact arrangements accept
#22 – #30 AWG wire, or choose #12
or #16 contacts for higher current.
HOW TO ORDER SERIES 802 PLUGS
Sample Part Number
802-009
-06
ZM
9-19
S
A
Series
Shell
Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact Type
Shell Key
Position
802-008
Plug with Banding
Platform
802-009
Plug with Accessory
Thread
-06
Plug
Z1
Stainless Steel / Passivated
ZM
Stainless Steel / Electroless
Nickel Plated
5-3
3 #23 Contacts
6-1
1 #16 Contact
6-4
4 #23 Contacts
6-7
7 #23 Contacts
7-1
1 #12 Contact
7-10
10 #23 Contacts
8-13
13 #23 Contacts
9-4
4 #16 Contacts
9-19
19 #23 Contacts
10-26 26 #23 Contacts
12-2
2 #12 Contacts
12-37 37 #23 Contacts
14-55 55 #23 Contacts
15-85 85 #23 Contacts
#23 contacts are packaged
with connectors. #16 and #12
contacts must be ordered
separately.
Standard #23 contacts
accept #22 through
#28 AWG wire. Use the
following contact codes to
specify these contacts:
P
Pin
S
Socket
Special contacts for
#26 to #30 AWG are
also available. Use the
following contact codes to
specify these contacts:
G
Pin
H
Socket
A
Normal
B
Pos. B
C
Pos. C
D
Pos. D
Series 802 Plugs
Series 802 Plug Connectors
Two Shell Styles: Integral platform
for direct shield attachment using
BAND-IT® termination system, or
accessory thread for attaching a strain
relief.
Rev. 05-APR-2007


Similar Part No. - 802-009-06ZM6-4SA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-009-06 GLENAIR-802-009-06 Datasheet
168Kb / 1P
   Submersible Plug
More results

Similar Description - 802-009-06ZM6-4SA

ManufacturerPart #DatasheetDescription
logo
SICK AG
DOL-0804-G05M SICK-DOL-0804-G05M Datasheet
238Kb / 4P
   Plug connectors
DOL-1203-W15MC SICK-DOL-1203-W15MC Datasheet
270Kb / 4P
   Plug connectors
DSL-1208-G02MC SICK-DSL-1208-G02MC Datasheet
263Kb / 4P
   Plug connectors
DSL-8204-B02MC SICK-DSL-8204-B02MC Datasheet
248Kb / 4P
   Plug connectors
DOL-1204-W10M SICK-DOL-1204-W10M Datasheet
272Kb / 4P
   Plug connectors
DSL-0803-G2M5C SICK-DSL-0803-G2M5C Datasheet
221Kb / 4P
   Plug connectors
DSL-1208-G10MC SICK-DSL-1208-G10MC Datasheet
263Kb / 4P
   Plug connectors
DOL-1204-G05MAC SICK-DOL-1204-G05MAC Datasheet
223Kb / 4P
   Plug connectors
DSL-1203-G02M SICK-DSL-1203-G02M Datasheet
217Kb / 4P
   Plug connectors
DSL-8204-B0M6C SICK-DSL-8204-B0M6C Datasheet
248Kb / 4P
   Plug connectors
DSL-1204-G05MC SICK-DSL-1204-G05MC Datasheet
267Kb / 4P
   Plug connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com