Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG38-8 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # TG38-8
Description  Connector Wrench
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

TG38-8 Datasheet(HTML) 1 Page - Glenair, Inc.

  TG38-8 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
38
www.glenair.com
E-Mail: sales@glenair.com
TG38
MIL-C-5015 and MIL-C-83723 Series II
Connector Wrench
A Thread
Class 2A
1/2 -28 UNEF
5/8 -24 UNEF
3/4 -20 UNEF
7/8 -20 UNEF
1 -20 UNEF
1 1/8 -18 UNEF
1 1/4 -18 UNEF
1 3/8 -18 UNEF
1 1/2 -18 UNEF
1 3/4 -18 UNS
2 -18 UNS
2 1/4 -16 UN
2 1/2 -16 UN
2 3/4 -16 UN
3 -16 UN
E Dia.
Ref.
.375
(9.5)
.450 (11.4)
.565 (14.4)
.685 (17.4)
.815 (20.7)
.940 (23.9)
1.060 (26.9)
1.185 (30.1)
1.317 (33.5)
1.530 (38.9)
1.780 (45.2)
1.995 (50.7)
2.245 (57.0)
2.500 (63.5)
2.750 (69.9)
D Dia.
± .062
(1.6)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.000 (50.8)
2.750 (69.9)
2.750 (69.9)
2.750 (69.9)
2.750 (69.9)
2.750 (69.9)
2.750 (69.9)
C
Approx.
.718 (18.2)
.718 (18.2)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
.921 (23.4)
B
Approx.
.687 (17.4)
.687 (17.4)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
.750 (19.1)
Shell
Size
8, 8S
10S, 10SL
12, 12S
14, 14S
16, 16S
18
20
22
24
28
32
36
40
44
48
Dash
No.
8
10
12
14
16
18
20
22
24
28
32
36
40
44
48
GLENAIR, INC.
D
5.625
(142.9)
Approx.
D
C
B
A Thread
E
.375 (9.5)
Approx
APPLICATION NOTES
Metric dimensions (mm) are indicated in parentheses.
1.
Material: Aluminum alloy with electroless nickel finish.
2.
Basic Part
Number
Dash
Number
TG38 - 20


Similar Part No. - TG38-8

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
TG38-08 GLENAIR-TG38-08 Datasheet
137Kb / 1P
   Wrench for SJT Connectors
TG38-10 GLENAIR-TG38-10 Datasheet
137Kb / 1P
   Wrench for SJT Connectors
logo
HALO Electronics, Inc.
TG38-1205N1LF HALO-TG38-1205N1LF Datasheet
368Kb / 2P
   SMD Dual Channel T1/E1 Transformer
logo
Glenair, Inc.
TG38-14 GLENAIR-TG38-14 Datasheet
137Kb / 1P
   Wrench for SJT Connectors
logo
HALO Electronics, Inc.
TG38-1505N5LF HALO-TG38-1505N5LF Datasheet
368Kb / 2P
   SMD Dual Channel T1/E1 Transformer
More results

Similar Description - TG38-8

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS3481-8 GLENAIR-MS3481-8 Datasheet
76Kb / 1P
   Connector Wrench
TG47-8N GLENAIR-TG47-8N Datasheet
179Kb / 1P
   Connector Wrench
TG90-09A GLENAIR-TG90-09A Datasheet
178Kb / 1P
   Connector Wrench
TG52-8-1 GLENAIR-TG52-8-1 Datasheet
209Kb / 1P
   Connector Wrench
TG60-9 GLENAIR-TG60-9 Datasheet
137Kb / 1P
   Connector Wrench
MS3480-8 GLENAIR-MS3480-8 Datasheet
65Kb / 1P
   Connector Wrench
MS3482-8-1 GLENAIR-MS3482-8-1 Datasheet
64Kb / 1P
   Connector Wrench
TG39-8 GLENAIR-TG39-8 Datasheet
137Kb / 1P
   Connector Wrench
TG48-08-1 GLENAIR-TG48-08-1 Datasheet
177Kb / 1P
   Connector Wrench
logo
PHOENIX CONTACT
SF-Z0027 PHOENIX-SF-Z0027 Datasheet
51Kb / 1P
   Hook wrench
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com