Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-011-07NF6-4PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 801-011-07NF6-4PA
Description  PCB Receptacle Ordering Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-011-07NF6-4PA Datasheet(HTML) 1 Page - Glenair, Inc.

  801-011-07NF6-4PA Datasheet HTML 1Page - Glenair, Inc. 801-011-07NF6-4PA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-10
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Rev. 27-APRIL-2009
Series 801 Printed
Circuit Board Receptacle
These receptacles feature a low
profile shell for minimum protrusion
inside enclosures. Contacts are non-
removable. Connectors are backfilled
with epoxy for a watertight seal.
Two Shell Styles: jam nut with o-ring
for rear panel mounting, or square
flange.
PCB Contacts feature gold-plated
tails for solder termination to rigid or
flexible circuits.
Solder Cup Contacts are factory-
installed and fully sealed with epoxy.
Series 801 “Mighty Mouse” Double-Start ACME Threads
PCB Receptacle Ordering Information
801-011
hOW TO ORDER
Sample Part Number
801-011
-07
M
7-10
P
A
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
801-011
Receptacle for
Solder Cup or
PCB Termination
-02
Square Flange
-07
Jam Nut
C
Aluminum / Black
Anodize
(Non-Conductive)
RoHS Compliant
M
Aluminum / Electroless
Nickel
RoHS Compliant
NF
Aluminum / Cadmium
with Olive Drab Chromate
ZN
Aluminum / Zinc-Nickel
with Olive Drab Chromate
UCR
Aluminum / Zinc-Cobalt
with Black Chromate
RoHS Compliant
ZNU
Aluminum / Zinc-Nickel
with Black Chromate
MT
Aluminum / Nickel-PTFE
RoHS Compliant
Z1
Stainless Steel /
Passivated
RoHS Compliant
No. of Contacts
Arr.
#23 #20 #16 #12
5-3
3
6-1
1
6-4
4
6-7
7
7-1
1
7-10 10
8-2
2
8-13 13
8-200 4
2
9-4
4
9-19 19
9-200 4
2
9-201 8
2
10-5
5
10-26 26
10-200 12
1
10-201 4
2
10-202 8
2
13-2
2
13-3
3
13-7
7
13-37 37
13-200 6
2
13-201 10
2
16-5
5
16-12
12
16-55 55
17-7
7
17-14
14
17-85 85
21-12
12
21-22
22
21-130 130
P
Pin,
PC Tail
S
Socket,
PC Tail
E
Pin,
Solder Cup
F
Socket,
Solder Cup
A
Normal
Alternate Key
Positions:
B
C
D
E
F
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
E
75°
275°
F
95°
210°


Similar Part No. - 801-011-07NF6-4PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-011 GLENAIR-801-011 Datasheet
259Kb / 1P
   Double-Start ACME Thread PCB Receptacle
More results

Similar Description - 801-011-07NF6-4PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Glenair, Inc.
800-006-06C5-3P GLENAIR-800-006-06C5-3P Datasheet
188Kb / 2P
   Plug Connector Ordering Information
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com