Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

805-003-02C9-1PA Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 805-003-02C9-1PA
Description  Receptacles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

805-003-02C9-1PA Datasheet(HTML) 2 Page - Glenair, Inc.

  805-003-02C9-1PA Datasheet HTML 1Page - Glenair, Inc. 805-003-02C9-1PA Datasheet HTML 2Page - Glenair, Inc. 805-003-02C9-1PA Datasheet HTML 3Page - Glenair, Inc. 805-003-02C9-1PA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-7
E-Mail: sales@glenair.com
A
B
C`
D
E
F
G
H
K
L
M
Series 805 “Mighty Mouse”
Triple-Start
Series 805 In-Line Receptacles
DIMENSIoNS
Shell
Shell
Size
Size
Ø A
Ø A
B
B
C Threads
C Threads
Ø D
Ø D
E Threads
E Threads
Accessory
Accessory
In.
In. mm.
mm. In.
In. mm.
mm.
In.
In. mm.
mm.
8
.540 13.72 .510 12.95 .5000-.1P-.3L-TS-2A
.317
8.05 .3750-32 UNEF-2A
9
.605 15.37 .575 14.61 .5625-.1P-.3L-TS-2A
.397 10.08 .4375-28 UNEF-2A
10
.668 16.96 .638 16.21 .6250-.1P-.3L-TS-2A
.473 12.01 .5000-28 UNEF-2A
11
.730 18.54 .700 17.78 .6875-.1P-.3L-TS-2A
.519 13.18 .5625-24 UNEF-2A
12
.793 20.14 .763 19.38 .7500-.1P-.3L-TS-2A
.585 14.86 .6250-24 UNEF-2A
15
.980 24.89 .950 24.13 .9375-.1P-.3L-TS-2A
.687 17.45 .7500-20 UNEF-2A
18
1.165 29.59 1.135 28.83 1.1250-.1P-.3L-TS-2A
.884 22.45 .9375-20 UNEF-2A
19
1.235 31.37 1.205 30.61 1.1875-.1P-.3L-TS-2A
.884 22.45 .9375-20 UNEF-2A
MASTER
KEYWAY
ø A
B FLAT
E THREAD
RECEPTACLE WITH
INTEGRAL BAND
PLATFORM
805-003-01
RECEPTACLE WITH
ACCESSORY THREAD
805-004-01
.060
(1.52)
RED FULL MATE
INDICATOR BAND
C
THREAD
C
THREAD
.060
(1.52)
ø D
RED FULL MATE
INDICATOR BAND
SERIES 805 kEY poSITIoNS
key
position
key Rotation
A
B
Normal (A)
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 19-AUG-2008
MATERIALS AND FINISHES
Connector Shell
Aluminum or Stainless Steel
Insulator
Liquid Crystal Polymer (LCP)
Seals
Fluorosilicone Rubber, Blue
Pin Contact
Beryllium Copper, Gold over Nickel Plating
Socket Contact
Beryllium Copper, Gold over Nickel Plating, with SST Hood
Contact Retainer Clip
Beryllium Copper, Unplated
pERFoRMANCE SpECIFICATIoNS
DWV
500 VAC Sea level
Insulation Resistance 5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Operating Temperature -55° C. to +150° C.
Immersion
MIL-STD-810 Method 512. One Meter for One Hour.
EMI
60 dB Minimum from 100 MHz. to 10 GHz.
.992 (25.20)
.405
(10.29)
.992 (25.20)
.405
(10.29)
GROMMET
.000 .165
(0.00 4.19)


Similar Part No. - 805-003-02C9-1PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-003-02 GLENAIR-805-003-02 Datasheet
179Kb / 1P
   Mighty Mouse Triple-Start
More results

Similar Description - 805-003-02C9-1PA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
   Receptacles
0.7_2022-07-16
BCC0E57 BALLUFF-BCC0E57 Datasheet
97Kb / 2P
   Receptacles
0.62_2022-07-16
BCC0CWL BALLUFF-BCC0CWL Datasheet
104Kb / 2P
   Receptacles
0.63_2022-07-16
BCC0CYE BALLUFF-BCC0CYE Datasheet
107Kb / 2P
   Receptacles
0.63_2022-07-16
BCC0E63 BALLUFF-BCC0E63 Datasheet
108Kb / 2P
   Receptacles
0.69_2022-07-26
BCC0CZ9 BALLUFF-BCC0CZ9 Datasheet
110Kb / 2P
   Receptacles
0.61_2022-07-16
BCC0CYN BALLUFF-BCC0CYN Datasheet
106Kb / 2P
   Receptacles
0.63_2022-08-08
BCC0CZ6 BALLUFF-BCC0CZ6 Datasheet
107Kb / 2P
   Receptacles
0.63_2022-08-08
BCC0E35 BALLUFF-BCC0E35 Datasheet
93Kb / 2P
   Receptacles
0.6_2022-07-16
BCC0ER2 BALLUFF-BCC0ER2 Datasheet
109Kb / 2P
   Receptacles
0.62_2022-08-08
BCC0ER3 BALLUFF-BCC0ER3 Datasheet
110Kb / 2P
   Receptacles
0.62_2022-07-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com