Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR7580-21S2BPN Datasheet(PDF) 2 Page - Glenair, Inc.

Part # GMR7580-21S2BPN
Description  Vertical Mount Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7580-21S2BPN Datasheet(HTML) 2 Page - Glenair, Inc.

  GMR7580-21S2BPN Datasheet HTML 1Page - Glenair, Inc. GMR7580-21S2BPN Datasheet HTML 2Page - Glenair, Inc. GMR7580-21S2BPN Datasheet HTML 3Page - Glenair, Inc. GMR7580-21S2BPN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-21
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7580 CoNNECtoR DIMENSIoNS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H Max.
In.
mm.
In .
± .005
mm.
± 0.13
In .
mm.
In .
mm.
In .
mm.
In .
± .003
mm.
± 0.08
In .
mm.
In .
mm.
9P
.785 19.94
.565
14.35
.335
8.51
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
9S
.785 19.94
.565
14.35
.400
10.16
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
15P
.935 23.75
.715
18.16
.485
12.32
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
15S
.935 23.75
.715
18.16
.550
13.97
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
21P
1.085 27.56
.865
21.97
.635
16.13
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
21S
1.085 27.56
.865
21.97
.700
17.78
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
25P
1.185 30.01
.965
24.51
.735
18.67
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
25S
1.185 30.01
.965
24.51
.800
20.32
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
31P
1.335 33.91 1.115
28.32
.885
22.48
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
31S
1.335 33.91 1.115
28.32
.950
24.13
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
37P
1.485 37.72 1.265
32.13 1.035
26.29
.185
4.70
.310
7.87
.183
4.65
.355
9.02
.310
7.87
37S
1.485 37.72 1.265
32.13 1.100
27.94
.251
6.38
.310
7.87
.195
4.95
.355
9.02
.310
7.87
51P
1.435 36.45 1.215
30.86
.985
25.02
.228
5.79
.351
8.92
.183
4.65
.355
9.02
.351
8.92
51S
1.435 36.45 1.215
30.86 1.050
26.67
.294
7.47
.351
8.92
.195
4.95
.355
9.02
.351
8.92
100P
2.170 55.12 1.800
45.72 1.384
35.15
.271
6.88
.394 10.00
.183
4.65
.430
10.92
.470
11.94
100S
2.170 55.12 1.800
45.72 1.508
38.30
.394 10.00
.394 10.00
.195
4.95
.430
10.92
.470
11.94
A
E D
B
C
F
G
GMR7580 Vertical Mount Micro-D Connectors
STAGGERED LEADS
TAIL LENGTH
± .015 (0.38)
Ø .020 (0.51)
± .002 (0.05)
H
.150 (3.81)
± .015 (0.38)
.050 (1.27)
.050 (1.27)
SIZES 9 THRU 51 THREAD SIZE IS #2-56 UNC OR M2
SIZE 100 THREAD SIZE IS #4-40 OR M3
SIZES 9 THRU 51 MOUNTING HOLE IS .088/094 (2.24/2.39)
SIZE 100 MOUNTING HOLE IS .145/.150 (3.68/3.81)
MAtERIALS AND FINISHES
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE SPECIFICAtIoNS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)


Similar Part No. - GMR7580-21S2BPN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580C-15P1AB GLENAIR-GMR7580C-15P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1AM GLENAIR-GMR7580C-15P1AM Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1AM1 GLENAIR-GMR7580C-15P1AM1 Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1AP GLENAIR-GMR7580C-15P1AP Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1BB GLENAIR-GMR7580C-15P1BB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
More results

Similar Description - GMR7580-21S2BPN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580C-9P1AB GLENAIR-GMR7580C-9P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-078 GLENAIR-240-078 Datasheet
118Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-075 GLENAIR-240-075 Datasheet
112Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com