Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0009 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0009
Description  Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0009 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0009 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0009 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0009 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0009 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAATCC0009 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Digital Attenuator
31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Rev. V5
MAATCC0009
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C, Vee = -5 V ± 0.25 V, Vcc = +5 V ± 0.25 V
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 4.0 GHz
dB
4.5
5.1
Attenuation Accuracy
DC - 4.0 GHz
DC - 4.0 GHz
dB
dB
±(.3 +7% of atten setting)
±(.5 +8% of atten setting)
VSWR
DC - 4.0 GHz
Ratio
2.0:1
2.2:1
Switching Speed
ns
ns
75
20
1 dB Compression
50 MHz
0.5 - 4.0 GHz
dBm
dBm
+21
+24
Input IP3
50 MHz
0.5-4.0 GHz
dBm
dBm
+35
+48
VIL
VIH
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
uA
-1.0
1.0
Icc
(Quiescent Supply Current)
uA
250
400
Test Conditions
Individual Bits 0.5-1-2-4-8-16 dB
Any Combination of Bits
1 to 31.5 dB
Full Range
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
Two-tone inputs up to +5 dBm
LOW-level input voltage
HIGH-level input voltage
Vin = VCC or GND
Vcntrl = VCC or GND
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
15
Absolute Maximum Ratings
3,4
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin5
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
5.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Configuration
6
6.
Application Note S2083 is available on line at www.macom.com


Similar Part No. - MAATCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0009 MACOM-MAATCC0009 Datasheet
326Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator
logo
Tyco Electronics
MAATCC0009-TB MACOM-MAATCC0009-TB Datasheet
326Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0009TR MACOM-MAATCC0009TR Datasheet
326Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - MAATCC0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MA-COM-AT90-1107 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com