Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR7590-15S3CNU Datasheet(PDF) 2 Page - Glenair, Inc.

Part # GMR7590-15S3CNU
Description  Right Angle Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7590-15S3CNU Datasheet(HTML) 2 Page - Glenair, Inc.

  GMR7590-15S3CNU Datasheet HTML 1Page - Glenair, Inc. GMR7590-15S3CNU Datasheet HTML 2Page - Glenair, Inc. GMR7590-15S3CNU Datasheet HTML 3Page - Glenair, Inc. GMR7590-15S3CNU Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-29
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7590 CoNNECtoR DIMENsIoNs
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H
In.
mm.
In .
± .005
mm.
± 0.13
In .
mm.
In .
mm.
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
± .010
mm.
±0.25
9P
.785 19.94
.565
14.35
.335
8.51
.185
4.70
.310
7.87
.183
4.65
.400
10.16
.250
6.35
9s
.785 19.94
.565
14.35
.400 10.16
.251
6.38
.310
7.87
.195
4.95
.400
10.16
.250
6.35
15P
.935 23.75
.715
18.16
.485 12.32
.185
4.70
.310
7.87
.183
4.65
.400
10.16
.250
6.35
15s
.935 23.75
.715
18.16
.550 13.97
.251
6.38
.310
7.87
.195
4.95
.400
10.16
.250
6.35
21P
1.085 27.56
.865
21.97
.635 16.13
.185
4.70
.310
7.87
.183
4.65
.400
10.16
.250
6.35
21s
1.085 27.56
.865
21.97
.700 17.78
.251
6.38
.310
7.87
.195
4.95
.400
10.16
.250
6.35
25P
1.185 30.01
.965
24.51
.735 18.67
.185
4.70
.310
7.87
.183
4.65
.400
10.16
.250
6.35
25s
1.185 30.01
.965
24.51
.800 20.32
.251
6.38
.310
7.87
.195
4.95
.400
10.16
.250
6.35
31P
1.335 33.91 1.115
28.32
.885 22.48
.185
4.70
.310
7.87
.183
4.65
.400
10.16
.250
6.35
31s
1.335 33.91 1.115
28.32
.950 24.13
.251
6.38
.310
7.87
.195
4.95
.400
10.16
.250
6.35
37P
1.485 37.72 1.265
32.13 1.035 26.29
.185
4.70
.310
7.87
.183
4.65
.400
10.16
.250
6.35
37s
1.485 37.72 1.265
32.13 1.100 27.94
.251
6.38
.310
7.87
.195
4.95
.400
10.16
.250
6.35
51P
1.435 36.45 1.215
30.86
.985 25.02
.228
5.79
.351
8.92
.183
4.65
.490
12.45
.300
7.62
51s
1.435 36.45 1.215
30.86 1.050 26.67
.294
7.47
.351
8.92
.195
4.95
.490
12.45
.300
7.62
100P
2.170 55.12 1.800
45.72 1.384 35.15
.271
6.88
.394
10.00
.183
4.65
.660
16.76
.400
10.16
100s
2.170 55.12 1.800
45.72 1.508 38.30
.394
10.00
.394
10.00
.195
4.95
.660
16.76
.400
10.16
STAGGERED LEADS
E D
A
B
C
F
G
H
.150 (3.81)
± .015 (0.38)
.050 (1.27)
.050 (1.27)
GMR7590 Right Angle Micro-D Connectors
SIZES 9 THRU 51 THREAD SIZE IS #2-56 UNC OR M2.
SIZE 100 THREAD SIZE IS #4-40 OR M3.
SIZES 9 THRU 51 MOUNTING HOLE IS .088/094 (2.24/2.39)
SIZE 100 MOUNTING HOLE IS .145/.150 (3.68/3.81)
MAtERIALs AND FINIshEs
Connector Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator, Tray
Liquid Crystal Polymer (LCP)
Interfacial Seal
Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact
Copper Alloy Gold Over Nickel Plating
PCB Terminals
Gold Plated Copper Alloy, Solder Dipped
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFoRMANCE sPECIFICAtIoNs
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 µ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)
TAIL LENGTH
± .015 (0.38)
.020 (0.5) ± .002 (0.1)


Similar Part No. - GMR7590-15S3CNU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590C-15P1AB GLENAIR-GMR7590C-15P1AB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1AM GLENAIR-GMR7590C-15P1AM Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1AP GLENAIR-GMR7590C-15P1AP Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1BB GLENAIR-GMR7590C-15P1BB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
GMR7590C-15P1BM GLENAIR-GMR7590C-15P1BM Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
More results

Similar Description - GMR7590-15S3CNU

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7590C-9P1AB GLENAIR-GMR7590C-9P1AB Datasheet
488Kb / 4P
   Right Angle Mount Micro-D Connectors Compact Flange
MWDM1L-9P-SMRN GLENAIR-MWDM1L-9P-SMRN Datasheet
461Kb / 4P
   MWDM Surface Mount Right Angle Micro-D Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com