Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATCC0014 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAATCC0014
Description  Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATCC0014 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAATCC0014 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATCC0014 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATCC0014 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATCC0014 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAATCC0014 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAATCC0014 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Rev. V5
MAATCC0014
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR, 1 dB Bit
VSWR, 2 dB Bit
VSWR, 4 dB Bit
Typical Performance Curves
VSWR, 8 dB Bit
VSWR, Maximum Attenuation
VSWR, 0.5 dB Bit
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
Fre que ncy (MHz )
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
Fre que ncy (MHz )
I nput
O ut put
1.0
1.2
1.4
1.6
1.8
0
500
1000
1500
2000
2500
3000
3500
Fre que ncy (MHz )
I nput
O ut put
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
Fre que ncy (MHz )
Input
O ut put
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
Fre que ncy (MHz )
I nput
O ut put
1.0
1.2
1.4
1.6
1.8
0
500
1000
1500
2000
2500
3000
3500
Fre que ncy (MHz )
I nput
O ut put


Similar Part No. - MAATCC0014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0014 MACOM-MAATCC0014 Datasheet
282Kb / 6P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator
logo
Tyco Electronics
MAATCC0014-TB MACOM-MAATCC0014-TB Datasheet
282Kb / 6P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014TR MACOM-MAATCC0014TR Datasheet
282Kb / 6P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATCC0014 MA-COM-MAATCC0014_15 Datasheet
164Kb / 6P
   Digital Attenuator
More results

Similar Description - MAATCC0014

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com