Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWDM4L-9SBRR2 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # MWDM4L-9SBRR2
Description  Micro-D Metal Shell Printed Circuit Board Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM4L-9SBRR2 Datasheet(HTML) 1 Page - Glenair, Inc.

  MWDM4L-9SBRR2 Datasheet HTML 1Page - Glenair, Inc. MWDM4L-9SBRR2 Datasheet HTML 2Page - Glenair, Inc. MWDM4L-9SBRR2 Datasheet HTML 3Page - Glenair, Inc. MWDM4L-9SBRR2 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-6
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
High Performance–These connectors feature gold-plated
TwistPin contacts for best performance. PC tails are
.020 inch diameter. Specify nickel-plated shells or
cadmium plated shells for best availability.
Solder-Dipped–Terminals are coated with SN63/Pb37 tin-
lead solder for best solderability. Optional gold-plated
terminals are available for RoHS compliance.
Front Panel or Rear Mountable–Can be installed through
panels up to .125 inch thick. Specify rear panel mount
jackposts.
Micro-D Metal Shell Printed Circuit Board Connectors
BR Style Right Angle thru-Hole
MICRo-D JACkPoSt oPtIoNS
No Designator
P
R1 thru R5
thru-Hole
For use with Glenair jackposts only. Order hardware
separately. Install with threadlocking compound.
Standard Jackpost
Factory installed, not intended for removal.
Jackpost for Rear Panel Mounting
Shipped loosely installed. Install with permanent
threadlocking compund.
Panel
HEX NUT
EPOXY FILL
HoW to oRDER BR StYLE PCB MICRo-D CoNNECtoRS
Series
Shell Material
and Finish
Insulator
Material
Contact
Layout
Contact
type
termination
type
Jackpost
option
threaded
Insert
option
terminal
Length In
Inches
Gold-Plated
terminal Mod
Code
MWDM Aluminum Shell
1 Cadmium
2 Nickel
4 Black
Anodize
5 Gold
6 Chem Film
Stainless Steel
Shell
3 Passivated
L – LCP
30% Glass-
Filled Liquid
Crystal
Polymer
9
15
21
25
31
37
51
100
P
Pin
S
Socket
BR
Board Right
Angle
(omit for None)
P Jackpost
Jackposts for
Rear Panel
Mounting
R1 .032” Panel
R2 .047” Panel
R3 .062” Panel
R4 .093” Panel
R5 .125” Panel
t
Threaded
Insert In
Board Mount
Hole
(Omit for
Thru-Hole)
.080
.110
.125
.140
.150
.172
.190
.250
Length in
Inches
± .015
(0.38)
These
connectors are
solder-dipped in
63/37 tin-lead
solder.
to delete the
solder dip
and change
to gold-plated
terminals, add
code 513
Sample Part Number
MWDM
1
L
– 15
P
BR
R3
– .110


Similar Part No. - MWDM4L-9SBRR2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM4L-9SBSP GLENAIR-MWDM4L-9SBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM4L-9SBSR1 GLENAIR-MWDM4L-9SBSR1 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM4L-9SBSR2 GLENAIR-MWDM4L-9SBSR2 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM4L-9SBSR3 GLENAIR-MWDM4L-9SBSR3 Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
More results

Similar Description - MWDM4L-9SBRR2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWDM1L-9PBSP GLENAIR-MWDM1L-9PBSP Datasheet
484Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBRP GLENAIR-MWDM1L-9PCBRP Datasheet
478Kb / 4P
   Micro-D Metal Shell Printed Circuit Board Connectors
MWDM1L-9PCBSNN GLENAIR-MWDM1L-9PCBSNN Datasheet
663Kb / 6P
   Micro-D Printed Circuit Board Connectors
240-03119PC GLENAIR-240-03119PC Datasheet
201Kb / 4P
   Micro-D Filter Connectors Vertical Printed Circuit Board
240-034-1-9PC GLENAIR-240-034-1-9PC Datasheet
307Kb / 4P
   Micro-D Filter Connectors Right Angle Printed Circuit Board
MWDM2L-15P-4K5-12P GLENAIR-MWDM2L-15P-4K5-12P Datasheet
525Kb / 2P
   Micro-D MWDM Insulated Wire Metal Shell Connectors
MWDM1L-9P-S GLENAIR-MWDM1L-9P-S Datasheet
169Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
MWDM1L-100N-S GLENAIR-MWDM1L-100N-S Datasheet
159Kb / 2P
   Micro-D Metal Shell MWDM Solder Cup Connectors
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com