Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMR7580-15P1CPN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # GMR7580-15P1CPN
Description  Vertical Mount Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GMR7580-15P1CPN Datasheet(HTML) 1 Page - Glenair, Inc.

  GMR7580-15P1CPN Datasheet HTML 1Page - Glenair, Inc. GMR7580-15P1CPN Datasheet HTML 2Page - Glenair, Inc. GMR7580-15P1CPN Datasheet HTML 3Page - Glenair, Inc. GMR7580-15P1CPN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-20
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
GMR7580 Vertical Mount Micro-D Connectors
Save Space On Your Circuit Board – These Micro-D
connectors feature .075 X .075 inch terminal spacing.
Glenair's GMR7580 offers significant size and weight
savings compared to traditional .100" pitch connectors.
High Performance – Approved for British Standard
BS9000, GMR7580 connectors meet the performance
requirements of MIL-DTL-83513. Gold-plated TwistPin
contacts assure best performance.
HoW to oRDER GMR7580 VERtICAL .075" PItCH CoNNECtoRS
Series
Number
of
Contacts
Contact
type
tail Length
In. (mm.)
Shell Plating
Finish
Hardware option
Gold-Plated
terminal Mod
Code
GMR7580
Micro-D
Metal Shell,
Vertical
Mount PCB
9
15
21
25
31
37
51
100
P
Pin
S
Socket
1 – .109" (2.76)
2 – .150" (3.81)
3 – .190" (4.83)
4 – .250" (6.35)
5 – Staggered
Tail Length
Length in Inches
± .015
(0.38)
A – Cadmium
B – Nickel
C – Allochrome
D – Black
Anodize
E – Gold
NN – No Jackpost, No Threaded Insert
PN –Extended Jackpost for .062" (1.6) PCB, No
Threaded Insert
RN –Extended Jackpost for .196" (5.0) PCB, No
Threaded Insert
Nu –UN Threaded Insert Only, No Jackposts
NM –Metric Threaded Insert Only, No Jackposts
Su –Short Jackpost and UN Threaded Insert
SM –Short Jackpost and Metric Threaded Insert
Rear Panel Mount Jackposts and threaded
Inserts
UN Threads Metric Threads
Panel Thickness
tu
tM
.094" (2.4)
Vu
VM
.062" (1.6)
Wu
WM
.047" (1.2)
Xu
XM
.031" (0.8)
Yu
YM
.023" (0.6)
These
connectors are
solder-dipped in
63/37 tin-lead
solder.
to delete the
solder dip
and change
to gold-plated
terminals, add
code 513
Sample Part Number
GMR7580
– 31
S
2
B
NN
GMR7580 JACkPoSt oPtIoNS
NN
PN and RN
Nu, NM
Su, SM
tu,Vu,Wu,Xu,Yu
tM,VM,WM,XM,YM
Thru-Hole
Jackpost Kit
PN – .062 (1.6) PCB
RN – .196 (5.0) PCB
Threaded Inserts
Jackpost With Threaded
Insert
Jackpost for Rear Panel
Mounting
PC BOARD


Similar Part No. - GMR7580-15P1CPN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580C-15P1AB GLENAIR-GMR7580C-15P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1AM GLENAIR-GMR7580C-15P1AM Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1AM1 GLENAIR-GMR7580C-15P1AM1 Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1AP GLENAIR-GMR7580C-15P1AP Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
GMR7580C-15P1BB GLENAIR-GMR7580C-15P1BB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
More results

Similar Description - GMR7580-15P1CPN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GMR7580C-9P1AB GLENAIR-GMR7580C-9P1AB Datasheet
505Kb / 4P
   Vertical Mount Micro-D Connectors
177-140H9SS GLENAIR-177-140H9SS_09 Datasheet
397Kb / 2P
   Micro-D Hermetic Connectors Solder Mount
240-077 GLENAIR-240-077 Datasheet
125Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-078 GLENAIR-240-078 Datasheet
118Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
240-075 GLENAIR-240-075 Datasheet
112Kb / 2P
   Rear Panel Mount Micro-D Filter Connectors
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-22-A01CN GLENAIR-M83513-22-A01CN Datasheet
202Kb / 4P
   Micro-D Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com