Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAATSS0022 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0022
Description  Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0022 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0022 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0022 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0022 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0022 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Digital Attenuator, 5-Bit, 15.5 dB
500 - 2500 MHz
Rev. V2
MAATSS0022
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Insertion Loss
Typical Performance Curves @ +5 V
Attenuation, All Major States
Output Return Loss at Insertion Loss State
Input Return Loss at Insertion Loss State
Input IP3 at Insertion Loss State
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)
40
45
50
55
0.00.5
1.01.5
2.02.5
3.0
Frequency (GHz)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.5 dB
1.0 dB
2.0 dB
4.0 dB
8.0 dB
15.5 dB
Frequency (GHz)
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
+85°C
-40°C
Frequency (GHz)


Similar Part No. - MAATSS0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
   Digital Attenuator
MAATSS0022 MA-COM-MAATSS0022 Datasheet
621Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB
logo
Tyco Electronics
MAATSS0022SMB MACOM-MAATSS0022SMB Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0022SMB MA-COM-MAATSS0022SMB Datasheet
621Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB
More results

Similar Description - MAATSS0022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
   Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
Tyco Electronics
MAATSS0017 MACOM-MAATSS0017 Datasheet
292Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
logo
M/A-COM Technology Solu...
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
   Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0021 MA-COM-MAATSS0021_15 Datasheet
551Kb / 4P
   Digital Attenuator, 15.5 dB, 5-Bit
MAATSS0002 MA-COM-MAATSS0002 Datasheet
136Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com