Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M83513-22-H02PW Datasheet(PDF) 3 Page - Glenair, Inc.

Part # M83513-22-H02PW
Description  Micro-D Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

M83513-22-H02PW Datasheet(HTML) 3 Page - Glenair, Inc.

  M83513-22-H02PW Datasheet HTML 1Page - Glenair, Inc. M83513-22-H02PW Datasheet HTML 2Page - Glenair, Inc. M83513-22-H02PW Datasheet HTML 3Page - Glenair, Inc. M83513-22-H02PW Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC.
• 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
J-21
E-Mail: sales@glenair.com
J
CL
1.150 (29.21)
.375 (9.53)
.100 (2.54) TYP
.100 (2.54)
TYP
.050 (1.27)
.050 (1.27) TYP
1
6
7
3
8
9
2
4
5
1.150 (29.21)
.100 (2.54)
TYP
CL
.225 (5.72)
.100 (2.54) TYP
.050 (1.27) TYP
.050 (1.27)
1
6
73
12
10
11
13
14
15
8
9
2
4
5
CL
1.450(36.8)
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.050 (1.27)
.225 (5.72)
12
13
15
16
14
18
19
20
21
17
1
6
73
10
11
8
92
4
5
1.500 (38.10)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.050 (1.27)
.150 (3.81)
15
16
18
19
20
21
14
17
1
6
73
12
10
11
13
8
92
4
5
22
24
23
25
.050 (1.27)
1.800 (45.72)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
.050 (1.27)
2.100 (53.34)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
32
33
34
35
36
37
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
2.000 (50.80)
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
32
33
34
35
38
40
39
41
42
43
44
45
46
47
48
49
50
51
36
37
.050 (1.27)
CL
.100 (2.54) TYP
.050 (1.27) TYP
.100 (2.54)
TYP
.150 (3.81)
2.800(71.12B )
1
6
73
12
10
11
13
15
16
18
19
20
21
14
17
8
92
4
5
22
24
23
25
26
27
28
29
30
31
32
33
34
35
38
40
39
41
42
43
44
45
46
47
48
49
50
51
36
37
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
97
98
99
100
87
88
89
90
91
92
93
94
95
96
Pin #1
Connector Orientation
M83513/22 THRU /24 PCB LAYOUTS – PIN CONNECTORS
Patterns shown are for connector mounting side of PC board. 9 Thru 51 Contacts .096 (2.44) Diameter Mounting Holes, 100 Pin .125 (3.18) Diameter
9 PIN M83513/22-A
51 PIN M83513/13-G
15 PIN M83513/22-B
31 PIN M83513/22-E
21 PIN M83513/22-C
25 PIN M83513/22-D
37 PIN M83513/22-F
100 PIN M83513/24-H
MIL-DTL-83513/22 Thru /27 Micro-D Connectors
Straight PCB Connectors (BS)


Similar Part No. - M83513-22-H02PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-28-A01CP GLENAIR-M83513-28-A01CP Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-28-A01CT GLENAIR-M83513-28-A01CT Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-28-A01CW GLENAIR-M83513-28-A01CW Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-28-A01NN GLENAIR-M83513-28-A01NN Datasheet
515Kb / 4P
   Micro-D Connectors
More results

Similar Description - M83513-22-H02PW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83513-06-A GLENAIR-M83513-06-A Datasheet
113Kb / 1P
   Micro-D Connectors
M83513-16-A01CN GLENAIR-M83513-16-A01CN Datasheet
240Kb / 4P
   Micro-D Connectors
M83513-28-A01CN GLENAIR-M83513-28-A01CN Datasheet
515Kb / 4P
   Micro-D Connectors
M83513-10-A01CN GLENAIR-M83513-10-A01CN Datasheet
370Kb / 4P
   Micro-D Connectors
M83513-08-A01 GLENAIR-M83513-08-A01 Datasheet
92Kb / 2P
   Micro-D Connectors
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
177-705H9SSSU GLENAIR-177-705H9SSSU Datasheet
346Kb / 3P
   Micro-D Hermetic Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com