Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-010-02NF6-4PY Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 800-010-02NF6-4PY
Description  Crimp Receptacle Ordering Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-010-02NF6-4PY Datasheet(HTML) 3 Page - Glenair, Inc.

  800-010-02NF6-4PY Datasheet HTML 1Page - Glenair, Inc. 800-010-02NF6-4PY Datasheet HTML 2Page - Glenair, Inc. 800-010-02NF6-4PY Datasheet HTML 3Page - Glenair, Inc. 800-010-02NF6-4PY Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-8
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
A SQ
B
Ø C
Ø D
E Threads
Mating
Ø F
G Max.
H Threads
Accessory
J Max.
In.
± .005
mm.
± 0.13
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.527 13.39
.363
9.22
.680 17.27
.094
2.39
.3125-28 UN-2A
.230
5.84
.750
19.05
.250-32 UNEF-2A
.725 18.42
6
.588 14.92
.423 10.74
.750 19.05
.094
2.39
.3750-28 UN-2A
.286
7.26
.750
19.05
.3125-32 UNEF-2A
.725 18.42
7
.650 16.51
.483 12.27
.830 21.08
.128
3.25
.4375-28 UNEF-2A .390
9.91
.825
20.96
.4375-28 UNEF-2A
.800 20.32
8
.710 18.03
.542 13.77
.938 23.83
.128
3.25
.5000-32 UN-2A
.445
11.30
.825
20.96
.5000-28 UNEF-2A
.800 20.32
9
.938 23.83
.719 18.26 1.250 31.75
.128
3.25
.5625-32 UN-2A
.500
12.70
.825
20.96
.5625-24 UNEF-2A
.800 20.32
10
.938 23.83
.719 18.26 1.250 31.75
.128
3.25
.6250-32 UN-2A
.565
14.35
.825
20.96
.6250-24 UNEF-2A
.800 20.32
12
1.031 26.19
.812 20.62 1.375 34.93
.128
3.25
.7500-28 UN-2A
.650
16.51
.825
20.96
.6875-24 UNEF-2A
.800 20.32
Accessory Thread
800-011-02
Integral Band Platform
800-010-02
SERIES 800 KEY POSITIONS
Key Position
Key Rotation
Plug Key Position
Receptacle Key Position
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at top
dead center for normal (N) position. Shell size 7
thru 12: master key is rotated 90° from TDC.
NORMAL
60°
60°
NORMAL
Series 800 “Mighty Mouse” with UN Mating Thread
Square Flange Crimp Receptacle Dimensions
800-010-02 and 800-011-02
E THREAD
Ø F
G MAX
Ø C
A SQ B BSC
4X Ø D
THRU HOLE
E THREAD
J MAX
.039 (.10) SHELL SIZE 5 & 6
.050 (1.27) SHELL SIZE 7 THRU 12
.320 (8.1) SHELL SIZE 5 & 6
.460 (11.7) SHELL SIZE 7 THRU 12
H THREAD
Rev. 01-FEB-2009


Similar Part No. - 800-010-02NF6-4PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-010-01 GLENAIR-800-010-01 Datasheet
242Kb / 1P
   Inline and Panel Mount Receptacles
More results

Similar Description - 800-010-02NF6-4PY

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-011-02C5-3PA GLENAIR-801-011-02C5-3PA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Glenair, Inc.
800-006-06C5-3P GLENAIR-800-006-06C5-3P Datasheet
188Kb / 2P
   Plug Connector Ordering Information
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com