Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A56 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A56
Description  Cascadable Amplifier 5 to 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A56 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A56 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A56 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
5 to 400 MHz
Rev. V2
A56 / SMA56
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
3-500
5-400
5-400
Small Signal Gain (min)
dB
26.0
24.0
23.0
Gain Flatness (max)
dB
±0.3
±1.0
±1.0
Reverse Isolation
dB
38
Noise Figure (max)
dB
5.5
7.0
7.5
Power Output
@ 1 dB comp. (min)
dBm
13.5
12.5
12.0
IP3
dBm
+27
IP2
dBm
+48
Second Order Harmonic IP
dBm
+54
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
69
75
79
Features
• AVAILABLE IN SURFACE MOUNT
• HIGH GAIN-TWO STAGES 26 dB
• MEDIUM OUTPUT LEVEL: +13.5 dBm (TYP.)
• HIGH THIRD ORDER I.P. + 27 dBm (TYP.)
Description
The A56 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A56
TO-8
MAAM-008724-0SMA56
Surface Mount
MAAM-008724-00CA56
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
12 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.159 W
Junction Temperature Rise
Above Case Tjc
7ºC
* Over temperature performance limits for part number CA56, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A56

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A56 MACOM-A56 Datasheet
356Kb / 2P
   Cascadable Amplifier 5 to 400 MHz
logo
M/A-COM Technology Solu...
A56 MA-COM-A56 Datasheet
612Kb / 3P
   Cascadable Amplifier
A56-SMA56 MA-COM-A56-SMA56 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Vishay Siliconix
A56015C0GL5 VISHAY-A56015C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
List of Unclassifed Man...
A560J15C0GF5UAA ETC1-A560J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
More results

Similar Description - A56

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
EA1 MA-COM-EA1 Datasheet
119Kb / 2P
   Cascadable Amplifier 5 to 400 MHz
logo
Tyco Electronics
EA2 MACOM-EA2 Datasheet
186Kb / 2P
   Cascadable Amplifier 5 to 400 MHz
A56 MACOM-A56 Datasheet
356Kb / 2P
   Cascadable Amplifier 5 to 400 MHz
logo
M/A-COM Technology Solu...
EA2 MA-COM-EA2 Datasheet
120Kb / 2P
   Cascadable Amplifier 5 to 400 MHz
logo
Tyco Electronics
EA1 MACOM-EA1 Datasheet
180Kb / 2P
   Cascadable Amplifier 5 to 400 MHz
logo
M/A-COM Technology Solu...
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
   10 TO 400 MHz CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A87 MA-COM-A87 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com