Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

805-004-07C9-1PA Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 805-004-07C9-1PA
Description  Receptacles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

805-004-07C9-1PA Datasheet(HTML) 4 Page - Glenair, Inc.

  805-004-07C9-1PA Datasheet HTML 1Page - Glenair, Inc. 805-004-07C9-1PA Datasheet HTML 2Page - Glenair, Inc. 805-004-07C9-1PA Datasheet HTML 3Page - Glenair, Inc. 805-004-07C9-1PA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-9
E-Mail: sales@glenair.com
A
B
C`
D
E
F
G
H
K
L
M
Series 805 “Mighty Mouse”
Triple-Start
Series 805 Jam Nut Receptacles
MASTER�
KEYWAY
B FLAT
C FLAT
TYP
ø A
RECEPTACLE WITH
INTEGRAL BAND
PLATFORM
805-003-07
RECEPTACLE WITH
ACCESSORY THREAD
805-004-07
F
THREAD
.100 MAX
PANEL THICKNESS
ø E
RED FULL MATE
INDICATOR BAND F
THREAD
G
THREAD
.100 MAX
PANEL THICKNESS
.060
(1.52)
D
THREAD
.060
(1.52)
D
THREAD
DIMENSIoNS
Shell
Shell
Size
Size
Ø A
Ø A
B
B
C
C
D Threads
D Threads
Ø E
Ø E
F Threads
F Threads
G Threads
G Threads
Accessory
Accessory
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
In.
In.
mm.
mm.
8
.760 19.30
.535 13.59
.730 18.54
.5000-.1P-.3L-TS-2A
.317
8.05
.5625-28 UNEF-2A
.3750-32 UNEF-2A
9
.880 22.35
.661 16.79
.850 21.59
.5625-.1P-.3L-TS-2A
.397
10.08
.6875-28 UN-2A
.4375-28 UNEF-2A
10
.880 22.35
.661 16.79
.850 21.59
.6250-.1P-.3L-TS-2A
.473
12.01
.6875-28 UN-2A
.5000-28 UNEF-2A
11
.955 24.26
.721 18.31
.925 23.50
.6875-.1P-.3L-TS-2A
.519
13.18
.7500-28 UN-2A
.5625-24 UNEF-2A
12
1.060 26.92
.784 19.91 1.035 26.29
.7500-.1P-.3L-TS-2A
.585
14.86
.8125-28 UN-2A
.6250-24 UNEF-2A
15
1.203 30.56
.970 24.64 1.173 29.79
.9375-.1P-.3L-TS-2A
.687
17.45 1.0000-28 UN-2A
.7500-20 UNEF-2A
18
1.389 35.28 1.147 29.13 1.359 34.52 1.1250-.1P-.3L-TS-2A
.884
22.45 1.1875-28 UN-2A
.9375-20 UNEF-2A
19
1.450 36.83 1.221 31.01 1.420 36.07 1.1875-.1P-.3L-TS-2A
.884
22.45 1.2500-28 UN-2A
.9375-20 UNEF-2A
pANEL CuTouTS
Shell
Shell
Size
Size
A
A
Ø B
Ø B
In.
In.
± .002
± .002
mm.
mm.
± 0.05
± 0.05
In.
In.
mm.
mm.
8
.545
13.84
.575/.571
14.61/14.50
9
.671
17.04
.700/.696
17.78/17.68
10
.671
17.04
.700/.696
17.78/17.68
11
.731
18.57
.762/.758
19.35/19.25
12
.794
20.17
.825/.821
20.96/20.85
15
.980
24.89
1.012/1.008
25.70/25.60
18
1.157
29.39
1.200/1.196
30.48/30.38
19
1.231
31.27
1.262/1.258
32.05/31.95
A
FLAT
ø B
SERIES 805 kEY poSITIoNS
key
position
key Rotation
A
B
Normal (A)
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 07-AUG-2008
1.133 (28.78)
.405
(10.29)
1.133 (28.78)
.405
(10.29)


Similar Part No. - 805-004-07C9-1PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
805-00002 ETC2-805-00002 Datasheet
819Kb / 16P
   Eddie Robot Platform
805-00012 ETC2-805-00012 Datasheet
134Kb / 11P
   Parallax Serial LCD
805-00038 ETC1-805-00038 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
805-00040 ETC1-805-00040 Datasheet
127Kb / 1P
   X-Cite Mini LED illuminator
logo
Glenair, Inc.
805-001 GLENAIR-805-001 Datasheet
205Kb / 1P
   Mighty Mouse Size #8 Connector Plug
More results

Similar Description - 805-004-07C9-1PA

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
   Receptacles
0.7_2022-07-16
BCC0E57 BALLUFF-BCC0E57 Datasheet
97Kb / 2P
   Receptacles
0.62_2022-07-16
BCC0CWL BALLUFF-BCC0CWL Datasheet
104Kb / 2P
   Receptacles
0.63_2022-07-16
BCC0CYE BALLUFF-BCC0CYE Datasheet
107Kb / 2P
   Receptacles
0.63_2022-07-16
BCC0E63 BALLUFF-BCC0E63 Datasheet
108Kb / 2P
   Receptacles
0.69_2022-07-26
BCC0CZ9 BALLUFF-BCC0CZ9 Datasheet
110Kb / 2P
   Receptacles
0.61_2022-07-16
BCC0CYN BALLUFF-BCC0CYN Datasheet
106Kb / 2P
   Receptacles
0.63_2022-08-08
BCC0CZ6 BALLUFF-BCC0CZ6 Datasheet
107Kb / 2P
   Receptacles
0.63_2022-08-08
BCC0E35 BALLUFF-BCC0E35 Datasheet
93Kb / 2P
   Receptacles
0.6_2022-07-16
BCC0ER2 BALLUFF-BCC0ER2 Datasheet
109Kb / 2P
   Receptacles
0.62_2022-08-08
BCC0ER3 BALLUFF-BCC0ER3 Datasheet
110Kb / 2P
   Receptacles
0.62_2022-07-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com