Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB10E3L1 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # CB10E3L1
Description  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10E3L1 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button CB10E3L1 Datasheet HTML 2Page - Glenair, Inc. CB10E3L1 Datasheet HTML 3Page - Glenair, Inc. CB10E3L1 Datasheet HTML 4Page - Glenair, Inc. CB10E3L1 Datasheet HTML 5Page - Glenair, Inc. CB10E3L1 Datasheet HTML 6Page - Glenair, Inc. CB10E3L1 Datasheet HTML 7Page - Glenair, Inc. CB10E3L1 Datasheet HTML 8Page - Glenair, Inc. CB10E3L1 Datasheet HTML 9Page - Glenair, Inc. CB10E3L1 Datasheet HTML 10Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
36
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG96934 STYLE Z2: O-RING
VG96934 STYLE Z3: ALUMINUM PROTECTIVE COVER
VG96934 STYLE Z4: RUBBER PROTECTIVE COVER
VG96934Z2
Nitrile O-ring for use with connector
style B and F
VG Part Number
Glenair Part no.
VG96934Z2
CBOR-B
Material
O-Ring: Nitrile Rubber
VG96934Z3
Aluminum alloy protective
cover, with crimp ferrule and ring
terminal. Fits plug Styles A, E,F, J,
and L. Maximum weight 8 grams.
VG Part Number
Glenair Part no.
VG96934Z3
CBCAP-Z3
Ø 3
+ 0
- 0.5
CRIMP FERRULE
FOR CABLE
ATTACHMENT
(SUPPLIED LOOSE)
RING TERMINAL
FOR PANEL
ATTACHMENT
(SUPPLIED LOOSE)
GASKET
23.0 MAX.
15.7 MAX.
3.8 MAX.
230 MIN.
Material and Finish
Cover: Aluminum Alloy, Black Zinc-Cobalt
Plating
Cord: Nylon
Ferrule and RIng: Stainless steel, Black
Oxide Finish
VG96934Z4
Nitrile rubber protective cover
supplied with crimp ferrule and
ring terminal. Fits all receptacles.
Maximum weight 5 grams.
VG Part Number
Glenair Part no.
VG96934Z4
VG96934Z4
14.5±0.5
6±0.5
230 MIN
3.5 MIN
Ø 3
+ 0
- 0.5
CRIMP FERRULE
FOR CABLE
ATTACHMENT
(SUPPLIED LOOSE)
RING TERMINAL FOR
PANEL ATTACHMENT
(SUPPLIED LOOSE)
Materials
Cover: Nitrile Rubber
Cord: Nylon
Ferrule and RIng: Stainless steel, Black
Oxide Finish


Similar Part No. - CB10E3L1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1005GA102 SAMWHA-CB1005GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Similar Description - CB10E3L1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
   Qualifi ed Connectors
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
   VG95351 and VG96934 Qualifi ed Connectors
logo
IRC - a TT electronics ...
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
   Precision Mil-Qualifi ed Metal Glaze Resistor
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
   ED CORES
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
   900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
   ED & EDM Domes
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
PHOENIX CONTACT
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
   CK2,5-ED-4,00ST AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
   CK1,6-ED-0,75BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
   CK1,6-ED-2,50BU AG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com