Electronic Components Datasheet Search |
|
370MA038C0502-5N Datasheet(PDF) 1 Page - Glenair, Inc. |
|
370MA038C0502-5N Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page © 2007 Glenair, Inc. CAGE Code 06324 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com L-13 e-Mail: sales@glenair.com A B C d e F G h J K L M Series 80 “Mighty Mouse” Backshells, Boots and Clamps how to order Sample Part Number Sample Part Number 370MS037 370MS037 C C 10 10 05- 05- 66 N N Part Number Part Number Shell Material / Finish Shell Material / Finish Size Code Size Code Cable entry Cable entry Code Code Length Length Clamp Style Clamp Style 370MS038 Straight Entry, Rotatable Coupling 370MS037 Straight Entry, Direct Coupling 370MB038 45° Entry 370MA038 90° Entry C Aluminum / Black Anodize M Aluminum / Electroless Nickel NF Aluminum / Cadmium with Olive Drab Chromate ZN Aluminum / Zinc-Nickel with Olive Drab Chromate ZNU Aluminum / Zinc-Nickel with Black Chromate Z1 Stainless Steel / Passivated Size Size Code Code thread thread Size Size 05 .2500-32 06 .3125-32 11 .3750-32 07 .4375-28 08 .5000-28 09 .5625-24 10 .6250-24 12 .6875-24 13 .7500-20 14 .9375-20 Cable Cable entry entry Code Code Cable Sealing Cable Sealing diameter diameter Max. Max. Min. Min. 01- .109 .031 02- .172 .078 03- .234 .140 04- .297 .203 05- .359 .265 06- .422 .328 07- .484 .390 08- .547 .453 09- .609 .515 Omit for screw clamp with saddle bars N Compression Nut, Low Profile Environmental Backshells Environmental Backshells Environmental backshells feature silicone o-rings for a watertight seal. Straight Entry backshells are available with direct coupling or rotatable coupling. 45° and 90° adapters feature rotatable coupling nuts. Specify length in increments of .125 inches (3.18 mm.) Straight Entry 370MS Only Length Length Code Code Length Length (Inches) (Inches) 5 .625 6 .750 7 .875 8 1.000 9 1.125 10 1.250 11 1.375 12 1.500 13 1.625 14 1.750 15 1.875 16 2.000 17 2.125 18 2.250 19 2.375 20 2.500 MAterIALS Adapter, Clamp, Nut and Saddles Aluminum Alloy 6061-T6 or 300 Series Stainless Steel O-Rings Silicone Rubber Hardware 300 Series Stainless Steel Rev. 07-AUG-2008 Rev. 07 AUG-2008 |
Similar Part No. - 370MA038C0502-5N |
|
Similar Description - 370MA038C0502-5N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |