Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-010-07M6-1PA Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 801-010-07M6-1PA
Description  Double-Start ACME Thread
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-010-07M6-1PA Datasheet(HTML) 3 Page - Glenair, Inc.

  801-010-07M6-1PA Datasheet HTML 1Page - Glenair, Inc. 801-010-07M6-1PA Datasheet HTML 2Page - Glenair, Inc. 801-010-07M6-1PA Datasheet HTML 3Page - Glenair, Inc. 801-010-07M6-1PA Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-8
E-Mail: sales@glenair.com
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
Accessory Thread
801-010-02
Integral Band Platform
801-009-02
Series 801 Square Flange Crimp Receptacle
DIMENSIONS
Shell
Size
A
B BSC
Ø C
Ø D
E
Thread
Ø F
G Thread
UNEF-2A
In.
mm.
In.
mm.
In.
mm.
In.
mm.
+.003
+.08
In.
mm.
5
.530
13.46
.363
9.22
.680
17.27
.093
2.36
.3125-.05P-.1L-2A
.245
6.22
.250-32
6
.590
14.99
.423
10.74
.750
19.05
.093
2.36
.375-.05P-.1L-2A
.290
7.37
.3125-32
7
.650
16.51
.483
12.27
.850
21.59
.093
2.36
.4375-.05P-1L-2A
.390
9.91
.4375-28
8
.712
18.08
.545
13.84
.938
23.83
.093
2.36
.5000-.05P-1L-2A
.445
11.30
.5000-28
9
.850
21.59
.607
15.42
1.125
28.58
.128
3.25
.5625-.05P-.1L-2A
.500
12.70
.5625-24
10
.890
22.61
.670
17.02
1.188
30.18
.128
2.25
.6250-.05P-1L-2A
.560
14.22
.6250-24
13
1.030
26.16
.812
20.62
1.375
34.93
.128
3.25
.8125-.1P-.2L-2A
.650
16.51
.6875-24
16
1.219
30.96
.981
24.92
1.625
41.28
.128
3.25
1.000-.1P-.2L-2A
.805
20.45
.9375-20
17
1.280
32.51
1.060
26.92
1.700
43.18
.128
3.25
1.062-.1P-.2L-2A
.850
21.59
.9375-20
4X ø D THRU
MASTER KEYWAY
ø C
A SQ
TYP
13
13
16
16
8
12
12
3
1
19
19
4
7
17
17
B BSC
TYP
G THREAD
ø F
.060 (1.5)
.900 (22.9) MAX
RED FULL MATE
INDICATOR BAND
E THREAD
.430 (10.9) MAX
.200 (5.1) MAX PANEL
THICKNESS INCLUDING
SCREWHEADS
SERIES 801 PANEL CUTOUT
ø C ± .003 (0.08)
B BSC
ø A
Shell
Size
Ø A
Ø B
Ø C
In
mm.
In
mm.
In
mm.
5
.330
8.38
.363
9.22
.093
2.36
6
.390
9.91
.423
10.74
.093
2.36
7
.450
11.43
.483
12.27
.093
2.36
8
.510
12.95
.545
13.84
.093
2.36
9
.575
14.61
.607
15.42
.128
3.25
10
.640
16.26
.670
17.02
.128
3.25
13
.825
20.96
.812
20.65
.128
3.25
16
1.015
25.78
.981
24.92
.128
3.25
17
1.075
27.31
1.060
26.92
.128
3.25
KEY
POSITIONS
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 20-APR-2007


Similar Part No. - 801-010-07M6-1PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-011 GLENAIR-801-011 Datasheet
259Kb / 1P
   Double-Start ACME Thread PCB Receptacle
801-011-02C5-3PA GLENAIR-801-011-02C5-3PA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
801-011-02C5-3SA GLENAIR-801-011-02C5-3SA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
801-011-02C6-1PA GLENAIR-801-011-02C6-1PA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
801-011-02C6-1SA GLENAIR-801-011-02C6-1SA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
More results

Similar Description - 801-010-07M6-1PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-012-02Z15-3PA GLENAIR-801-012-02Z15-3PA Datasheet
280Kb / 4P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-007-16C5-3PA GLENAIR-801-007-16C5-3PA Datasheet
148Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com