Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

803-005-02ZNU6-4EN Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 803-005-02ZNU6-4EN
Description  Receptacles With PCB or Solder Cup Contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

803-005-02ZNU6-4EN Datasheet(HTML) 1 Page - Glenair, Inc.

  803-005-02ZNU6-4EN Datasheet HTML 1Page - Glenair, Inc. 803-005-02ZNU6-4EN Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
F-9
E-Mail: sales@glenair.com
A
B
F
D
E
F
G
H
J
K
L
M
Series 803 “Mighty Mouse”
¼ Turn Bayonet Coupling
Series 803 Printed
Circuit Board Receptacle
HOW TO ORDER SERIES 801 PRINTED CIRCUIT BOARD RECEPTACLES
Sample Part Number
803-005
-07
ZN
6–7
S
N
Series
Shell Style
Shell Material / Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
803-005
Receptacle with
Solder Cup Contacts
or PC Tails
-02
Flange Mount
-07
Jam Nut
C
Aluminum / Black Anodize
M
Aluminum / Electroless Nickel
NF
Aluminum / Cadmium with Olive
Drab Chromate
ZN
Aluminum / Zinc-Nickel with Olive
Drab Chromate
ZNU
Aluminum / Zinc-Nickel with
Black Chromate
Z1
Stainless Steel
5-3
3 #23
6-1
1 #16
6-4
4 #23
6-7
7 #23
7-1
1 #12
7-10
10 #23
8-13
13 #23
9-4
4 #16
9-19
19 #23
10-26
26 #23
12-2
2 #12
12-37
37 #23
14-55
55 #23
15-85
85 #23
P
Pin,
PC Tail
S
Socket,
PC Tail
E
Pin,
Solder Cup
F
Socket,
Solder Cup
N
Normal
Alternative
Key
Positions:
X
Y
Z
Series 803 Receptacles With PCB or Solder Cup Contacts
Series 803 Receptacles feature
a low profile shell for minimum
protrusion inside enclosures. Contacts
are factory-installed and are non-
removable. Connectors are backfilled
with rigid epoxy for a watertight seal.
Series 803 Bayonet Receptacles are
available in two shell styles: jam nut
for rear panel mounting, or elliptical
flange mount.
PCB Contacts feature gold-plated
tails for solder termination to rigid or
flexible circuits.
Solder Cup Contacts are non-
removable and are sealed with rigid
epoxy. Maximum wire gage is #22.
Rev. 05-APR-2007


Similar Part No. - 803-005-02ZNU6-4EN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-005 GLENAIR-803-005 Datasheet
236Kb / 1P
   PC Tail and Solder Cup Receptacle
More results

Similar Description - 803-005-02ZNU6-4EN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
802-012-02Z15-3PA GLENAIR-802-012-02Z15-3PA Datasheet
471Kb / 4P
   Receptacles for PCB or Solder Cup
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
242-383P GLENAIR-242-383P Datasheet
407Kb / 2P
   Plug with Solder Cup Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com