Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-012-02Z15-3EB Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 802-012-02Z15-3EB
Description  Receptacles for PCB or Solder Cup
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

802-012-02Z15-3EB Datasheet(HTML) 3 Page - Glenair, Inc.

  802-012-02Z15-3EB Datasheet HTML 1Page - Glenair, Inc. 802-012-02Z15-3EB Datasheet HTML 2Page - Glenair, Inc. 802-012-02Z15-3EB Datasheet HTML 3Page - Glenair, Inc. 802-012-02Z15-3EB Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
E-11
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 802 “Aqua Mouse”
3500 PSI Rated
802-012-07 Jam Nut Receptacles for PCB or Solder Cup
DIMENSIoNS
Shell
Shell
Size
Size
A Max.
A Max.
B Flat
B Flat
C
C
D
D
E Flat
E Flat
Ø F
Ø F
In.
In.
mm.
mm.
In.
In.
± .003
± .003
mm.
mm.
±0.08
±0.08
Mating
Mating
Threads
Threads
Threads
Threads
In.
In.
± .003
± .003
mm.
mm.
±0.08
±0.08
In.
In.
mm.
mm.
5
.885 22.48
.466 11.84 .438-28 UNEF
.500-32 UN-2A
.477 12.12
.510 12.95
6
1.010 25.65
.591 15.01 .562-20 UN
.625-28 UN-2A
.602 15.29
.635 16.13
7
1.072 27.23
.653 16.59 .625-20 UN
.687-28 UN-2A
.664 16.87
.697 17.70
8
1.135 28.83
.716 18.19 .687-20 UN
.750-28 UN-2A
.727 18.47
.760 19.30
9
1.195 30.35
.778 19.76 .750-20 UNEF
.812-28 UN-2A
.789 20.04
.822 20.88
10
1.260 32.00
.827 21.01 .812-20 UNEF
.875-28 UN-2A
.838 21.29
.885 22.48
12
1.322 33.58
.890 22.61 .875-20 UNEF
.938-28 UN-2A
.901 22.89
.948 24.08
14
1.510 38.25 1.077 27.36 1.062-20 UN
1.125-28 UN-2A 1.088 27.64 1.135 28.83
15
1.572 39.93 1.140 28.96 1.125-20 UN
1.188-28 UN-2A 1.151 29.24 1.198 30.43
SERIES 802 RECEPtACLE kEY PoSItIoNS
Key
Key
Position
Position
key Rotation
key Rotation
Normal (A)
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
Rev. 05-APR-2007
B FLAT
ø A MAX
C THREAD
D THREAD
.958
(24.33)
3
RED COLOR BAND
FULL MATE INDICATOR
.250 (6.35) MAX
PANEL THICKNESS
MASTER
KEYWAY
.105/.095
(2.67/2.41)
.022/.018
(0.56/0.46)
.125 MIN
(3.18 MIN)
SOLDER CUP
PC TAIL
(OPTIONAL)
REAR MOUNT JAM NUT
SHELL STYLE 07
øH
G FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 07 REAR MOUNT JAM NUT
øH
G FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 00 FRONT MOUNT JAM NUT
øF
E FLAT
RECOMMENDED PANEL CUTOUT
FOR STYLE 07 REAR MOUNT JAM NUT


Similar Part No. - 802-012-02Z15-3EB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
More results

Similar Description - 802-012-02Z15-3EB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
802-013-03Z15-3PA GLENAIR-802-013-03Z15-3PA Datasheet
212Kb / 4P
   Hermetic Receptacles for PCB or Solder Cup
803-005-02C5-3PN GLENAIR-803-005-02C5-3PN Datasheet
154Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
805-005-02Z18-1PA GLENAIR-805-005-02Z18-1PA Datasheet
381Kb / 2P
   Receptacles With PCB or Solder Cup Contacts
804-005-00C5-3PA GLENAIR-804-005-00C5-3PA Datasheet
485Kb / 3P
   Receptacles With PCB or Solder Cup Contacts
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
   Printed Circuit Board Versions with PCB or Solder Cup Contacts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com