Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

805-009-BB4M8-4PA Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 805-009-BB4M8-4PA
Description  Cordsets For Harsh Environments
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

805-009-BB4M8-4PA Datasheet(HTML) 1 Page - Glenair, Inc.

  805-009-BB4M8-4PA Datasheet HTML 1Page - Glenair, Inc. 805-009-BB4M8-4PA Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
H-14
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
Series 805 “Mighty Mouse”
Triple-Start
Series 805 Overmolded
Cordset
HOW TO ORDER
Sample Part Number
805-008
-A
C
4
NF
18-55
P
A
-72
Series
End A
Connector
End B
Connector
Wire
Size
Shell Material /
Finish
Insert Arr.
Protective
Cover
Shell
Key Pos.
Length
805-008
Overmolded
Cordset,
Shielded, with
Polyurethane
Cable Jacket
805-009
Overmolded
Cordset,
Shielded,
with Low
Smoke/ Zero
Halogen
Jacket
-A
Plug, with
Male Pin
Contacts
-B
Plug, with
Female
Socket
Contacts
-C
Receptacle,
with Male
Pin Contacts
-D
Receptacle,
with Female
Socket
Contacts
A
Plug, with
Male Pin
Contacts
B
Plug, with
Female
Socket
Contacts
C
Receptacle,
with Male
Pin Contacts
D
Receptacle,
with Female
Socket
Contacts
N
No
Connector
(Single-
Ended)
2
#22 AWG
(Std.)
4
#24 AWG
(Std.)
6
#26 AWG
8
#28 AWG
C
Aluminum / Black
Anodize
M
Aluminum /
Electroless
Nickel
NF
Aluminum /
Cadmium with
Olive Drab
Chromate
ZN
Aluminum / Zinc-
Nickel with Olive
Drab Chromate
ZNU
Aluminum / Zinc-
Nickel with Black
Chromate
Z1
Stainless Steel /
Passivated
8-4
4 #23
8-7
7 #23
9-10
10 #23
10-13 13 #23
11-19 19 #23
12-26 26 #23
15-37
37 #23
18-55 55 #23
19-85
85 #23
P
Metal
Protective
Covers
Included
N
No Covers
Supplied
A
Position A
(Normal)
B
Position B
C
Position C
D
Position D
Overall
Length In
Inches
12 Inch
Min.
Glenair’s ASAP “Mighty Mouse”
overmolded cordsets offer
watertight sealing and excellent cold
temperature flexibility. These cables
are 100% tested and ready to use.
Standard overmolded cables feature
polyurethane jackets or rubber
jackets with flexible strain reliefs.
Simplified Ordering, No Minimums
ASAP cordsets are made-to-order
from stocked connectors and cable.
Choose #22 or #24 AWG cable with
standard Estane jacket for best
availability.
805 Series Cordsets For Harsh Environments
Rev. 05-APR-2007
Two Jacket Types Extruded
Estane polyurethane jacket resists
abrasion, provides excellent flexibility.
Withstands continuous exposure to
weather and solvents. Or, choose
low smoke/ zero halogen jacket for
installation where combustion toxicity
is a concern. Both jackets are UL 94
V-0.
Shielded 90% braid coverage and
BAND-IT® shield termination meet
EMI requirements.


Similar Part No. - 805-009-BB4M8-4PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-009 GLENAIR-805-009 Datasheet
124Kb / 1P
   Mighty Mouse Triple-Start ACME Thread
More results

Similar Description - 805-009-BB4M8-4PA

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
   Cordsets For Harsh Environments
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
   Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
   Cordsets For Harsh Environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
   Stability for harsh environments
logo
Golledge Electronics Lt...
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
   CMOS VCXO for Harsh Environments
logo
Gamewell-FCI by Honeywe...
ASD-FILTREX-F GAMEWELL-FCI-ASD-FILTREX-F Datasheet
121Kb / 2P
   Analog PE Smoke Sensor for Harsh Environments
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
   Low profile pushbutton switches for harsh environments
logo
Tripp Lite. All Rights ...
SR12UBFFD TRIPPLITE-SR12UBFFD Datasheet
547Kb / 3P
   12U SmartRack Rack Enclosure Cabinet for Harsh Environments
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
   IP68 sealed to endure harsh environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
   Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com