Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-013-07ZL6-4PZ Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-013-07ZL6-4PZ
Description  Hermetic Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-013-07ZL6-4PZ Datasheet(HTML) 1 Page - Glenair, Inc.

  800-013-07ZL6-4PZ Datasheet HTML 1Page - Glenair, Inc. 800-013-07ZL6-4PZ Datasheet HTML 2Page - Glenair, Inc. 800-013-07ZL6-4PZ Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-17
E-Mail: sales@glenair.com
Series 800 Hermetic
Series 800 Hermetic Receptacles
feature 304L stainless steel shells,
fused vitreous glass insulators and
Alloy 52 iron alloy contacts.
1 X 10-6 cc/second
maximum helium
leak rate.
Three Shell Styles:
solder mount,
jam nut or square flange.
HOW TO ORDER
Sample Part Number
800-013
-07
Z1
7-10
P
Z
Series
Shell Style
Shell Material /
Finish
Shell Size- Insert
Arrangement
Contact
Type
Shell Key
Position
800-013
Hermetic
Receptacle
-02
Square Flange
-03
Solder Mount
-07
Jam Nut
Z1
Stainless Steel /
Passivated
ZL
Stainless Steel / Nickel
Plated
No. of Contacts
Arr.
#23 #20 #16 #12
5-3
3
6-1
1
6-4
4
6-7
7
7-1
1
7-10
10
8-2
2
8-13
13
8-200
42
9-4
4
9-19
19
9-200
42
9-201
82
10-5
5
10-26 26
10-200 12
1
10-201 42
10-202 82
12-2
2
12-3
3
12-7
7
12-37 37
12-200 62
12-201 10
2
P
Pin, Solder
Cup
C
Pin, PC Tail
N
Normal
X
Pos. X
Y
Pos. Y
Z
Pos. Z
Series 800 Hermetic Receptacle
Solder Cup Contacts
for wire
attachment, or PC Tail Contacts for
attachment to flexible or rigid circuits.
Series 800 “Mighty Mouse” with UN Mating Thread
Hermetic Receptacles
800-013
Rev. 01-FEB-2009


Similar Part No. - 800-013-07ZL6-4PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
   Mighty Mouse Hermetic Receptacles
More results

Similar Description - 800-013-07ZL6-4PZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
803-006-07Z15-3PN GLENAIR-803-006-07Z15-3PN Datasheet
295Kb / 2P
   Hermetic Receptacles
804-006-00Z15-3PA GLENAIR-804-006-00Z15-3PA Datasheet
507Kb / 3P
   Hermetic Receptacles
805-006-02Z18-1PA GLENAIR-805-006-02Z18-1PA Datasheet
147Kb / 2P
   Hermetic Receptacles
803-006 GLENAIR-803-006 Datasheet
221Kb / 2P
   Mighty Mouse Hermetic Receptacles
800-013 GLENAIR-800-013 Datasheet
313Kb / 4P
   Mighty Mouse Hermetic Receptacles
804-006 GLENAIR-804-006 Datasheet
316Kb / 3P
   Mighty Mouse Hermetic Receptacles
257-215 GLENAIR-257-215_15 Datasheet
292Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-215 GLENAIR-257-215 Datasheet
166Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
177Kb / 2P
   Jam Nut Mount Hermetic Receptacles
257-216 GLENAIR-257-216 Datasheet
305Kb / 2P
   Jam Nut Mount Hermetic Receptacles
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com