Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00AIV Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT73LC00AIV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00AIV Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT73LC00AIV Datasheet HTML 6Page - Exar Corporation XRT73LC00AIV Datasheet HTML 7Page - Exar Corporation XRT73LC00AIV Datasheet HTML 8Page - Exar Corporation XRT73LC00AIV Datasheet HTML 9Page - Exar Corporation XRT73LC00AIV Datasheet HTML 10Page - Exar Corporation XRT73LC00AIV Datasheet HTML 11Page - Exar Corporation XRT73LC00AIV Datasheet HTML 12Page - Exar Corporation XRT73LC00AIV Datasheet HTML 13Page - Exar Corporation XRT73LC00AIV Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
XRT73LC00A
5
REV. 1.0.1
E3/DS3/STS-1 LINE INTERFACE UNIT
15
RLB
I
Remote Loop-Back Select:
This input pin along with LLB dictates which Loop-Back mode the XRT73LC00A
is operating in.
A “High” on this pin with LLB being set to “Low” configures the XRT73LC00A to
operate in the Remote Loop-Back Mode.
A “High” on this pin with LLB also being set to “High” configures the
XRT73LC00A to operate in the Digital Local Loop-Back Mode.
NOTES:
1.
This input pin is ignored if the XRT73LC00A is operating in the HOST
Mode.
2.
Tie this pin to GND if the XRT73LC00A is going to be operating in the
HOST Mode.
16
STS-1/DS3
I
STS-1/DS3 Select Input:
A “High” on this pin configures the Clock Recovery Phase Locked Loop to set its
VCO Center frequency to around 51.84 MHz for SONET STS-1 operations. A
“Low” on this pin configures the Clock Recovery Phase Locked Loop to set its
VCO Center frequency to around 44.736 MHz for DS3 operations.
NOTES:
1.
The XRT73LC00A ignores this pin if the E3 pin (pin 17) is set to “1”.
2.
This input pin is ignored if the XRT73LC00A is operating in the HOST
Mode.
3.
Tie this pin to GND if the XRT73LC00A is going to be operating in the
HOST Mode.
17
E3
I
E3 Select Input:
A “High” on this pin configures the XRT73LC00A to operate in the E3 Mode.
A “Low” on this pin configures the XRT73LC00A to check the state of the STS-1/
DS3 input pin.
NOTES:
1.
This input pin is ignored if the XRT73LC00A is operating in the HOST
Mode.
2.
Tie this pin to GND if the XRT73LC00A is going to be operating in the
HOST Mode.
18
HOST/HW
I
HOST/HW Mode Select:
This input pin is used to enable or disable the Microprocessor Serial Interface
(e.g., consisting of the SDI, SDO, SCLK, CS and REGRESET pins).
Setting this input pin “High” enables the Microprocessor Serial Interface (e.g.
configures the XRT73LC00A to operate in the HOST Mode). In this mode, the
XRT73LC00A is configured by writing data into the on-chip Command Registers
via the Microprocessor Serial Interface. When the XRT73LC00A is operating in
the HOST Mode, it ignores the states of many of the discrete input pins.
Setting this input pin “Low” disables the Microprocessor Serial Interface (e.g.,
configures the XRT73LC00A to operate in the Hardware Mode). In this mode,
many of the external input control pins are functional.
PIN DESCRIPTION
PIN #
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00AIV EXAR-XRT73LC00AIV Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com