Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00AIV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT73LC00AIV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00AIV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT73LC00AIV Datasheet HTML 4Page - Exar Corporation XRT73LC00AIV Datasheet HTML 5Page - Exar Corporation XRT73LC00AIV Datasheet HTML 6Page - Exar Corporation XRT73LC00AIV Datasheet HTML 7Page - Exar Corporation XRT73LC00AIV Datasheet HTML 8Page - Exar Corporation XRT73LC00AIV Datasheet HTML 9Page - Exar Corporation XRT73LC00AIV Datasheet HTML 10Page - Exar Corporation XRT73LC00AIV Datasheet HTML 11Page - Exar Corporation XRT73LC00AIV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
XRT73LC00A
3
REV. 1.0.1
E3/DS3/STS-1 LINE INTERFACE UNIT
PIN DESCRIPTION
PIN DESCRIPTION
PIN #
SYMBOL
TYPE
DESCRIPTION
1
TXLEV
I
Transmit Line Build-Out Enable/Disable Select:
This input pin is used to enable or disable the Transmit Line Build-Out circuit in
the XRT73LC00A.
Setting this pin to “High” disables the Line Build-Out circuit. In this mode, the
XRT73LC00A outputs partially shaped pulses onto the line via the TTIP and
TRING output pins.
Setting this pin to “Low” enables the Line Build-Out circuit. In this mode, the
XRT73LC00A outputs partially-shaped pulses onto the line via the TTIP and
TRING output pins.
To comply with the isolated DSX-3/STSX-1 Pulse Template Requirements per
Bellcore GR-499-Core or Bellcore GR-253-Core:
1. Set this input pin to a "1" if the cable length between the Cross-Connect and
the transmit output of the XRT73LC00A is greater than 225 feet.
2. Set this input pin to a "0" if the cable length between the Cross-Connect and
the transmit output of the XRT73LC00A is less than 225 feet.
This pin is active only if both of the following are true:
(a) The XRT73LC00A is configured to operate in either the DS3 or SONET
STS-1 modes and
(b) The XRT73LC00A is configured to operate in the Hardware Mode.
NOTE: This pin should be tied to GND if the XRT73LC00A is to be operated in
the HOST mode.
2
TAOS
I
Transmit All Ones Select:
A “High” on this pin causes a continuous AMI all “1’s” pattern to be transmitted
onto the line. The frequency of this “1’s” pattern is determined by TCLK.
NOTES:
1.
This input pin is ignored if the XRT73LC00A is operating in the HOST
Mode.
2.
Tie this pin to GND if the XRT73LC00A is going to be operating in the
HOST Mode.
3
TxAVDD
****
Transmit Analog Power Supply
4
DMO
O
Drive Monitor Output:
If no bipolar line signal is detected on the TTIP/TRING output pins via the MTIP
and MRING input pins for 128±32 TCLK periods, then the DMO output pin tog-
gles and remains “High” until the next bipolar pulse is detected.
5
TxAGND
****
Transmit Analog Ground
6
AGND
****
Analog Ground (Substrate)
7
RxAGND
****
Receive Analog Ground
8
RTIP
I
Receive TIP Input:
This input pin along with RRING is used to receive the line signal from the
Remote DS3/E3/STS-1 Terminal.
9
RRING
I
Receive RING Input:
This input pin along with RTIP is used to receive the line signal from the Remote
DS3/E3/STS-1 Terminal.
10
RxAVDD
****
Receive Analog Power Supply


Similar Part No. - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00AIV EXAR-XRT73LC00AIV Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com