Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC00AIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT73LC00AIV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00AIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT73LC00AIV Datasheet HTML 5Page - Exar Corporation XRT73LC00AIV Datasheet HTML 6Page - Exar Corporation XRT73LC00AIV Datasheet HTML 7Page - Exar Corporation XRT73LC00AIV Datasheet HTML 8Page - Exar Corporation XRT73LC00AIV Datasheet HTML 9Page - Exar Corporation XRT73LC00AIV Datasheet HTML 10Page - Exar Corporation XRT73LC00AIV Datasheet HTML 11Page - Exar Corporation XRT73LC00AIV Datasheet HTML 12Page - Exar Corporation XRT73LC00AIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
XRT73LC00A
4
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.1
11
REGRESET/
(RCLK2INV)
I
Register Reset Input pin (Invert RCLK2 Output - Select):
The function of this pin depends upon whether the XRT73LC00A is operating in
the HOST Mode or in the Hardware Mode.
HOST Mode - Register Reset Input pin:
Setting this input pin “Low” causes the XRT73LC00A to reset the contents of the
Command Registers to their default settings and operating configuration. This
pin is internally pulled “High”.
Hardware Mode - Invert RCLK2 Output Select:
Setting this input pin “Low” configures the Receive Section of the XRT73LC00A
to output the recovered data via the RPOS and RNEG output pins on the rising
edge of the RCLK2 output signal.
Setting this input pin “High” configures the Receive Section to output the recov-
ered data on the falling edge of the RCLK2 output signal.
12
REQDIS
I
Receive Equalization Disable Input:
Setting this input pin “High” disables the Internal Receive Equalizer in the
XRT73LC00A. Setting this pin “Low” enables the Internal Receive Equalizer.
The guidelines for enabling and disabling the Receive Equalizer are described in
Section 3.2.
NOTES:
1.
This input pin is ignored if the XRT73LC00A is operating in the HOST
Mode.
2.
Tie this pin to GND if the XRT73LC00A is going to be operating in the
HOST Mode.
13
LOSTHR
I
Loss of Signal Threshold Control:
This input pin is used to select the LOS (Loss of Signal) Declaration and Clear-
ance thresholds for the Analog LOS Detector circuit. Two settings are provided
by forcing this signal to either GND or VDD.
NOTE: This pin is only applicable during DS3 or STS-1 operations.
14
LLB
I
Local Loop-Back Select:
This input pin along with RLB dictates which Loop-Back mode the XRT73LC00A
is operating in.
A “High” on this pin with RLB being set to “Low” configures the XRT73LC00A to
operate in the Analog Local Loop-Back Mode.
A “High” on this pin with RLB also being set to “High” configures the
XRT73LC00A to operate in the Digital Local Loop-Back Mode.
NOTES:
1.
This input pin is ignored if the XRT73LC00A is operating in the HOST
Mode.
2.
Tie this pin to GND if the XRT73LC00A is going to be operating in the
HOST Mode.
PIN DESCRIPTION
PIN #
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00AIV EXAR-XRT73LC00AIV Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC00AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com