Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC04A Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT73LC04A
Description  4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC04A Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT73LC04A_08 Datasheet HTML 7Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 8Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 9Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 10Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 11Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 12Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 13Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 14Page - Exar Corporation XRT73LC04A_08 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
XRT73LC04A
.
7
REV. 1.0.2
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
80
88
101
93
RTIP_0
RTIP_1
RTIP_2
RTIP_3
I
Receive TIP Input - Channel (n):
This input pin along with RRing_(n) is used to receive the bipolar line sig-
nal from the Remote DS3/E3/STS-1 Terminal.
82
90
99
91
REQEN_0
REQEN_1
REQEN_2
REQEN_3
I
Receive Equalization Enable Input - Channel (n):
Setting this input pin "High" enables the Internal Receive Equalizer
within Channel (n). Setting this pin "Low" disables the Internal Receive
Equalizer. The guidelines for enabling and disabling the Receive Equal-
izer are described in Section 3.2.
NOTE: This pin is ignored and should be tied to GND if the XRT73LC04A
is going to be operating in the HOST Mode, (internally pulled-down).
110
RxClkINV
I
Invert RxClk_(n) Output - Select:
The function of this pin depends upon the mode of operation.
Hardware Mode - Invert RxClk Output Select:
Setting this input pin "High" configures the Receive Section of all Chan-
nels to invert their RxClk_(n) clock output signals.
Setting this pin "Low" configures Channel(n) to output the recovered
data via the RPOS_(n) and RNEG_(n) output pins on the rising edge of
RxClk_(n).
Setting this input pin "High" configures Channel (n) to output the recov-
ered data via the RPOS_(n) and RNEG_(n) output pins on the falling
edge of RxClk_(n).
NOTE: This pin is internally pulled “High”.
RECEIVE INTERFACE
PIN #
NAME
TYPE
DESCRIPTION
CLOCK INTERFACE
PIN #
NAME
TYPE
DESCRIPTION
66
57
115
123
EXClk_0
EXClk_1
EXClk_2
EXClk_3
I
External Reference Clock Input - Channel (n):
Apply a 34.368 MHz clock signal for E3 applications, a 44.736 MHz clock
signal for DS3 applications or a 51.84 MHz clock signal for SONET STS-
1 applications.
The Channel (n) Clock Recovery PLL uses this signal as a Reference
Signal for Declaring and Clearing the Receive Loss of Lock Alarm. The
Clock recovery PLL also generates the exact clock for the LIU.
It is permissible to use the same clock that drives the TxClk_(n) input
pin.
It is permissible to operate the four Channels at different data rates.


Similar Part No. - XRT73LC04A_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC04AIV EXAR-XRT73LC04AIV Datasheet
723Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC04A_08

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L04A EXAR-XRT73L04A Datasheet
731Kb / 65P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L04B EXAR-XRT73L04B Datasheet
722Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A Datasheet
723Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com