Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC03AIV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT73LC03AIV
Description  3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC03AIV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT73LC03AIV Datasheet HTML 5Page - Exar Corporation XRT73LC03AIV Datasheet HTML 6Page - Exar Corporation XRT73LC03AIV Datasheet HTML 7Page - Exar Corporation XRT73LC03AIV Datasheet HTML 8Page - Exar Corporation XRT73LC03AIV Datasheet HTML 9Page - Exar Corporation XRT73LC03AIV Datasheet HTML 10Page - Exar Corporation XRT73LC03AIV Datasheet HTML 11Page - Exar Corporation XRT73LC03AIV Datasheet HTML 12Page - Exar Corporation XRT73LC03AIV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
XRT73LC03A
7
REV. 1.0.2
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
96
REGR/
RxClkINV
I
Register Reset Input (Invert RxClk(n)) Output - Select:
The function of this pin depends upon whether the XRT73LC03A is oper-
ating in the HOST Mode or in the Hardware Mode.
NOTE: This pin is internally pulled "High".
In the HOST-Mode - Register Reset Input:
Setting this input pin "Low" causes the XRT73LC03A to reset the con-
tents of the Command Registers to their default settings and default
operating configuration.
In the Hardware Mode - Invert RxClk Output Select:
Setting this input pin "High" configures the Receive Section of all Chan-
nels in the XRT73LC03A to invert their RxClk_(n) clock output signals
and configures Channel (n) to output the recovered data via the
RPOS_(n) and RNEG_(n) output pins on the falling edge of RxClk_(n).
Setting this pin "Low" configures Channel (n) to output the recovered
data via the RPOS_(n) and RNEG_(n) output pins on the rising edge of
RxClk_(n).
RECEIVE INTERFACE
PIN #
NAME
TYPE
DESCRIPTION
CLOCK INTERFACE
PIN #
NAME
TYPE
DESCRIPTION
47
99
103
EXClk_0
EXClk_1
EXClk_2
I
External Reference Clock Input - Channel (n):
Apply a 34.368 MHz clock signal for E3 applications, a 44.736 MHz clock
signal for DS3 applications or a 51.84 MHz clock signal for SONET STS-
1 applications.
The Channel (n) Clock Recovery PLL uses this signal as a Reference
Signal for Declaring and Clearing the Receive Loss of Lock Alarm. The
Clock recovery PLL also generates the exact clock for the LIU.
It is permissible to use the same clock that drives the TxClk_(n) input
pin.
It is permissible to operate the three Channels at different data rates.
OPERATING MODE SELECT
PIN #
NAME
TYPE
DESCRIPTION
93
SR/(DR)
I
Receive Output Single-Rail/Dual-Rail Select:
Setting this pin "High" configures the Receive Sections of all Channels to
output data in a Single-Rail Mode to the Terminal Equipment.
Setting this pin "Low" configures the Receive Section of all Channels to
output data in a Dual-Rail Mode to the Terminal Equipment.


Similar Part No. - XRT73LC03AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC03AIV EXAR-XRT73LC03AIV Datasheet
720Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC03AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A Datasheet
720Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com