Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12DIB Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT75R12DIB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12DIB Datasheet(HTML) 1 Page - Exar Corporation

  XRT75R12DIB Datasheet HTML 1Page - Exar Corporation XRT75R12DIB Datasheet HTML 2Page - Exar Corporation XRT75R12DIB Datasheet HTML 3Page - Exar Corporation XRT75R12DIB Datasheet HTML 4Page - Exar Corporation XRT75R12DIB Datasheet HTML 5Page - Exar Corporation XRT75R12DIB Datasheet HTML 6Page - Exar Corporation XRT75R12DIB Datasheet HTML 7Page - Exar Corporation XRT75R12DIB Datasheet HTML 8Page - Exar Corporation XRT75R12DIB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT75R12D
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
OCTOBER 2007
REV. 1.0.3
GENERAL DESCRIPTION
The XRT75R12D is a twelve channel fully integrated
Line Interface Unit (LIU) featuring EXAR’s R3
Technology (Reconfigurable, Relayless Redundancy)
for E3/DS3/STS-1 applications. The LIU incorporates
12 independent Receivers, Transmitters and Jitter
Attenuators in a single 420 Lead TBGA package.
Each
channel
of
the
XRT75R12D
can
be
independently configured to operate in E3 (34.368
MHz), DS3 (44.736 MHz) or STS-1 (51.84 MHz).
Each transmitter can be turned off and tri-stated for
redundancy support or for conserving power.
The XRT75R12D’s differential receiver provides high
noise interference margin and is able to receive data
over 1000 feet of cable or with up to 12 dB of cable
attenuation.
The XRT75R12D incorporates an advanced crystal-
less jitter attenuator per channel that can be selected
either in the transmit or receive path. The jitter
attenuator performance meets the ETSI TBR-24 and
Bellcore
GR-499
specifications.
Also,
the
jitter
attenuators can be used for clock smoothing in
SONET STS-1 to DS-3 de-mapping.
The XRT75R12D provides a Parallel Microprocessor
Interface for programming and control.
The XRT75R12D supports analog, remote and digital
loop-backs. The device also has a built-in Pseudo
Random Binary Sequence (PRBS) generator and
detector with the ability to insert and detect single bit
error for diagnostic purposes.
APPLICATIONS
E3/DS3 Access Equipment
DSLAMs
Digital Cross Connect Systems
CSU/DSU Equipment
Routers
Fiber Optic Terminals
FIGURE 1. BLOCK DIAGRAM OF THE XRT 75R12D
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT75R12DIB
420 Lead TBGA
-40°C to +85°C
XRT75R12D
XRT75R12D
Channel 11
Channel 0
Channel n...
Device
Monitor
MTIP_n
MRing_n
DMO_n
Timing
Control
Tx
Pulse
Shaping
HDB3/
B3ZS
Encoder
Tx
Control
Jitter
Attenuator
MUX
Line
Driver
Remote
LoopBack
HDB3/
B3ZS
Decoder
MUX
AGC/
Equalizer
Peak Detector
LOS
Detector
Slicer
Jitter
Attenuator
µProcessor Interface
Local
LoopBack
Clock & Data
Recovery
Clock
Synthesizer
RD
WR
Addr[7:0]
CS
INT
D[7:0]
TxON
TxClk_n
TxPOS_n
TxNEG_n
RxClk_n
RxPOS_n
RxNEG/LCV_n
RLOS_n
RLOL_n
RTIP_n
RRing_n
TTIP_n
TRing_n
CLKOUT_n
SFM_en
E3Clk
DS3Clk
STS-Clk/12M
ICT
Pmode
RDY
PCLK
RESET


Similar Part No. - XRT75R12DIB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75R12DIB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com