Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-012-02ZB6-4CC Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 801-012-02ZB6-4CC
Description  Double-Start ACME Thread
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

801-012-02ZB6-4CC Datasheet(HTML) 3 Page - Glenair, Inc.

  801-012-02ZB6-4CC Datasheet HTML 1Page - Glenair, Inc. 801-012-02ZB6-4CC Datasheet HTML 2Page - Glenair, Inc. 801-012-02ZB6-4CC Datasheet HTML 3Page - Glenair, Inc. 801-012-02ZB6-4CC Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series 801 “Mighty Mouse”
Double-Start ACME Thread
A
B
C
D
E
F
G
H
J
K
L
M
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
D-17
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
A
Max
B BSC
Ø C
Ø D
E
Thread
Ø F
Ø G
Tail Dia
In.
±.003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.530
13.46
.363
9.22
.680
17.27
.093
2.36
.3125-.05P-.1L-2A
.244
6.20
#23
.018/.022
(0.46/0.56)
#16
.060/.064
(1.52/1.63)
#12
.092/.096
(2.34/2.44)
6
.590
14.99
.423
10.74
.750
19.05
.093
2.36
.375-.05P-1L-2A
.330
8.38
7
.650
16.51
.483
12.27
.850
21.59
.093
2.36
.4375-.05P-1L2A
.432
10.97
8
.712
18.08
.545
13.84
.938
23.83
.093
2.36
.5000-.05P-1L2A
.493
12.52
9
.850
21.59
.607
15.42
1.125
28.58
.128
3.25
.5625-.05P-.1L-2A
.551
14.00
10
.890
22.61
.670
17.02
1.188
30.18
.128
3.25
.6250-.05P-1L2A
.620
15.75
13
1.030
26.16
.812
20.62
1.375
34.93
.128
3.25
.8125-.1P-.2L-2A
.703
17.86
16
1.219
31.96
.981
24.92
1.625
41.28
.128
3.25
1.000-.1P-.2L-2A
.863
21.92
17
1.280
32.51
1.060
26.92
1.700
43.18
.128
3.25
1.062-.1P-.2L-2A
.912
23.16
Series 801 Hermetic Square Flange Receptacles
KEY POSITIONS
Receptacle Key Positions
A
150°
210°
B
75°
210°
C
95°
230°
D
140°
275°
PANEL CUTOUT
ø C ± .003 (0.08)
B BSC
ø A
Shell
Size
Ø A
In.
mm.
Ø B
In.
mm.
Ø C
In.
mm.
5
.330
8.38
.363
9.22
.093
2.36
6
.390
9.91
.423
10.74
.093
2.36
7
.450
11.43
.483
12.27
.093
2.36
8
.510
12.95
.545
13.84
.093
2.36
9
.575
14.61
.607
15.42
.128
3.25
10
.640
16.26
.670
17.02
.128
3.25
13
.825
20.96
.812
20.65
.128
3.25
16
1.015
25.78
.981
24.92
.128
3.25
17
1.075
27.31
1.060
26.92
.128
3.25
ø F
.125 (3.18) MIN
.025
PC TAIL
øG
.280 (7.1) MAX
.060 (1.5)
.760 (19.3) MAX
RED FULL MATE
INDICATOR BAND
E
THD
.200 (5.1) MAX PANEL
THICKNESS INCLUDING
SCREWHEADS
4X ø D THRU
ø C
A SQ
TYP
B BSC
TYP
Rev. 05-APR-2007


Similar Part No. - 801-012-02ZB6-4CC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
More results

Similar Description - 801-012-02ZB6-4CC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
801-009-01C5-3PA GLENAIR-801-009-01C5-3PA Datasheet
322Kb / 4P
   Double-Start ACME Thread
801-023-07C5-3PA GLENAIR-801-023-07C5-3PA Datasheet
322Kb / 3P
   Double-Start ACME Thread
801-025-AA2C5-3PA-72 GLENAIR-801-025-AA2C5-3PA-72 Datasheet
113Kb / 2P
   Double-Start ACME Thread
801-007-16C5-3PA GLENAIR-801-007-16C5-3PA Datasheet
148Kb / 2P
   Double-Start ACME Thread
801-009-12-22 GLENAIR-801-009-12-22 Datasheet
278Kb / 1P
   Double-Start ACME Thread Receptacle
801-012-02 GLENAIR-801-012-02 Datasheet
215Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-023 GLENAIR-801-023 Datasheet
200Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-075-07 GLENAIR-801-075-07 Datasheet
165Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-012-07 GLENAIR-801-012-07 Datasheet
210Kb / 1P
   Mighty Mouse Double-Start ACME Thread
801-065 GLENAIR-801-065 Datasheet
194Kb / 1P
   Mighty Mouse Double Start ACME Thread
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com