Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R12D Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT75R12D
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12D Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT75R12D Datasheet HTML 4Page - Exar Corporation XRT75R12D Datasheet HTML 5Page - Exar Corporation XRT75R12D Datasheet HTML 6Page - Exar Corporation XRT75R12D Datasheet HTML 7Page - Exar Corporation XRT75R12D Datasheet HTML 8Page - Exar Corporation XRT75R12D Datasheet HTML 9Page - Exar Corporation XRT75R12D Datasheet HTML 10Page - Exar Corporation XRT75R12D Datasheet HTML 11Page - Exar Corporation XRT75R12D Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
XRT75R12D
4
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
C25
AB25
H23
W23
H24
Y26
H3
Y1
H4
W4
C2
AB2
TxNEG0
TxNEG1
TxNEG2
TxNEG3
TxNEG4
TxNEG5
TxNEG6
TxNEG7
TxNEG8
TxNEG9
TxNEG10
TxNEG11
I
Transmit Negative Data Input
When a Channel has been configured to operate in the Dual-Rail Mode,
the user should apply a pulse to this input pin anytime the Transmit Section
of the LIU IC to generate a negative-polarity pulse onto the line. This signal
will be latched into the Transmit Section circuitry upon the active edge of
the TxCLK_n signal.
NOTE:
In the Single-Rail Mode, this input pin has no function, and should
be tied to GND.
B24
AE24
C20
AD20
C16
AD16
C11
AD11
C7
AD7
C3
AD3
TTip0
TTip1
TTip2
TTip3
TTip4
TTip5
TTip6
TTip7
TTip8
TTip9
TTip10
TTip11
O
Transmit TTIP Output - Positive Polarity Signal
These output pins along with the corresponding TRING_n output pins,
function as the Transmit DS3/E3/STS-1 Line output signal drivers for a
given channel of the XRT75R12D.
Connect this signal and the corresponding TRING_n output signal to a 1:1
transformer.
Whenever the Transmit Section of the Channel generates and transmits a
positive-polarity pulse onto the line, this output pin will be pulsed to a high
ervoltage than its corresponding TRING_n output pins.
Conversely, whenever the Transmit Section of the Channel generates and
transmit a negative-polarity pulse onto the line, this output pin will be
pulsed to a lower voltage than its corresponding TRING_n output pin.
NOTE: This output pin will be tri-stated whenever the TxON input pin or bit-
field is set to "0".
C24
AD24
B20
AE20
B16
AE16
B11
AE11
B7
AE7
B3
AE3
TRing0
TRing1
TRing2
TRing3
TRing4
TRing5
TRing6
TRing7
TRing8
TRing9
TRing10
TRing11
O
Transmit Ring Output - Negative Polarity Signal
These output pins along with the corresponding TTIP_n output pins, func-
tion as the Transmit DS3/E3/STS-1 Line output signal drivers for a given
channel, within the XRT75R12D.
Connect this signal and the corresponding TTIP_n output signal to a 1:1
transformer.
Whenever the Transmit Section of the Channel generates and transmits a
positive-polarity pulse onto the line, this output pin will be pulsed to a lower
voltage than its corresponding TTIP_n output pin.
Conversely, whenever the Transmit Section of the Channel generates and
transmit a negative-polarity pulse onto the line, this output pin will be
pulsed to a higher voltage than its corresponding TTIP_n output pin.
NOTE: This output pin will be tri-stated whenever the TxON input pin or bit-
field is set to "0".
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #
SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R12D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12DIB EXAR-XRT75R12DIB Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
More results

Similar Description - XRT75R12D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12_07 Datasheet
510Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com