Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00D Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 5Page - Exar Corporation XRT75VL00D Datasheet HTML 6Page - Exar Corporation XRT75VL00D Datasheet HTML 7Page - Exar Corporation XRT75VL00D Datasheet HTML 8Page - Exar Corporation XRT75VL00D Datasheet HTML 9Page - Exar Corporation XRT75VL00D Datasheet HTML 10Page - Exar Corporation XRT75VL00D Datasheet HTML 11Page - Exar Corporation XRT75VL00D Datasheet HTML 12Page - Exar Corporation XRT75VL00D Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
XRT75VL00D
4
REV. 1.0.4
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PIN DESCRIPTIONS (BY FUNCTION)
TRANSMIT INTERFACE
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
4
TxON
I
Transmitter ON Input
Setting this input pin "High" turns on the Transmitter.
NOTES:
1.
Even when the XRT75VL00D is configured in HOST mode, this pin still
controls the TTIP and TRING outputs
2.
When the Transmitter is turned off either in Host or Hardware mode,the
TTIP and TRING outputs are Tri-stated.
3.
This pin is internally pulled down
46
TxClk
I
Transmit Clock Input for TPData and TNData
The frequency accuracy of this input clock must be of nominal bit rate ± 20 ppm.
The duty cycle can be 30%-70%.
The XRT75VL00D samples the TPData and TNData pins on the falling or rising
edge of TxClk signal based on the status of TxClkINV pin (in Hardware mode)
or the status of the bit in the Channel Register (in HOST mode).
26
TxClkINV/
SClk
I
Transmit Clock Invert or Serial Clock Input:
Function of this depends on whether the XRT75VL00D is configured to operate
in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Transmitter to
sample the TPData and TNData data on the rising edge of the TxClk.
NOTE: If the XRT75VL00D is configured in HOST mode, this pin functions as
SClk input pin (please refer to the pin description for Microprocessor
interface).
48
TNData
I
Transmit Negative Data Input
If the XRT75VL00D is configured in Dual-rail mode, this pin is sampled on the
falling or rising edge of TxClk based on the status of the TClkINV pin (in Hard-
ware mode) or the status of the control bit in the Channel Register (in HOST
mode).
NOTES:
1.
This input pin is ignored and should be tied to GND if the Transmitter
Section is configured to accept Single-Rail data from the Terminal
Equipment.
47
TPData
I
Transmit Positive Data Input
The XRT75VL00D samples this pin on the falling or rising edge of TxClk based
on the status of the TClkINV pin (in Hardware mode) or the status of the control
bit in the Channel Register (in HOST mode).
50
TTIP
O
Transmit TTIP Output
The XRT75VL00D uses this pin along with TRING to transmit a bipolar signal to
the line using a 1:1 transformer.


Similar Part No. - XRT75VL00D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00DIV EXAR-XRT75VL00DIV Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results

Similar Description - XRT75VL00D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R03D EXAR-XRT75R03D Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com