Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75VL00IV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT75VL00IV
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00IV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT75VL00IV Datasheet HTML 4Page - Exar Corporation XRT75VL00IV Datasheet HTML 5Page - Exar Corporation XRT75VL00IV Datasheet HTML 6Page - Exar Corporation XRT75VL00IV Datasheet HTML 7Page - Exar Corporation XRT75VL00IV Datasheet HTML 8Page - Exar Corporation XRT75VL00IV Datasheet HTML 9Page - Exar Corporation XRT75VL00IV Datasheet HTML 10Page - Exar Corporation XRT75VL00IV Datasheet HTML 11Page - Exar Corporation XRT75VL00IV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
XRT75VL00
6
E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.6
RECEIVE INTERFACE
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
25
RxON/
SDI
I
Receiver Turn ON Input or Serial Data Input:
Function of this pin depends on whether the XRT75VL00 is configured to oper-
ate in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” turns on and enables the
Receiver..
NOTES:
1.
If the XRT75VL00 is configured in HOST mode, this pin functions as
SDI input pin (please refer to the pin description for Microprocessor
Interface)
2.
This pin is internally pulled down.
23
REQEN
I
Receive Equalization Enable Input
Setting this input pin "High" enables the Internal Receive Equalizer. Setting this
pin "Low" disables the Internal Receive Equalizer.
NOTES:
1.
This input pin is ignored and may be connected to GND if the
XRT75VL00 is operating in the HOST Mode
2.
This pin is internally pulled down.
36
RxClk
O
Receive Clock Output
The Recovered Clock signal from the incoming line signal is output through this
pin.By default, the Receiver Section outputs data via RPOS and RNEG pins on
the rising edge of this clock signal.
Configure the Receiver Section to update data on the RPOS and RNEG pins on
the falling edge of RxClk by doing the following:
a) Operating in Hardware mode, pull the RxClkINV pin to “High”.
b) Operating in Host mode, write a “1” to RxClkINV bit field within the Receive
Control Register.
24
RxClkINV/
CS
I
RxClk INVERT or Chip Select:
Function of this pin depends on whether the XRT75VL00 is configured to oper-
ate in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Receiver Sec-
tion
to invert the RxClk output signals and outputs the recovered data via
RPOS and RNEG on the falling edge of RxClk.
NOTE: If the XRT75VL00 is configured in HOST mode, this pin functions as CS
input pin (please refer to the pin description for Microprocessor
Interface).
38
RPOS
O
Receive Positive Data Output
This output pin pulses “High" whenever the XRT75VL00 has received a Positive
Polarity pulse in the incoming line signal at the RTIP/RRing inputs.


Similar Part No. - XRT75VL00IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00IV EXAR-XRT75VL00IV Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results

Similar Description - XRT75VL00IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L00 EXAR-XRT75L00 Datasheet
500Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R03 EXAR-XRT75R03 Datasheet
1Mb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L06 EXAR-XRT75L06 Datasheet
649Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L03 EXAR-XRT75L03 Datasheet
818Kb / 92P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R06 EXAR-XRT75R06 Datasheet
666Kb / 63P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75L04 EXAR-XRT75L04 Datasheet
997Kb / 57P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com