Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86L30IV Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT86L30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30IV Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT86L30IV Datasheet HTML 4Page - Exar Corporation XRT86L30IV Datasheet HTML 5Page - Exar Corporation XRT86L30IV Datasheet HTML 6Page - Exar Corporation XRT86L30IV Datasheet HTML 7Page - Exar Corporation XRT86L30IV Datasheet HTML 8Page - Exar Corporation XRT86L30IV Datasheet HTML 9Page - Exar Corporation XRT86L30IV Datasheet HTML 10Page - Exar Corporation XRT86L30IV Datasheet HTML 11Page - Exar Corporation XRT86L30IV Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 284 page
background image
XRT86L30
V
SINGLE T1/E1/J1 FRAMER/LIU COMBO
REV. 1.0.1
LIST OF FIGURES
Figure 1.: XRT86L30 1-channel DS1 (T1/E1/J1) Framer/LIU Combo ............................................................................... 1
Figure 2.: Simplified Block Diagram of the Microprocessor Interface Block .................................................................... 21
Figure 3.: Intel µP Interface Signals During Programmed I/O Read and Write Operations ............................................. 25
Figure 4.: Motorola µP Interface Signals During Programmed I/O Read and Write Operations ...................................... 27
Figure 5.: Motorola 68K µP Interface Signals During Programmed I/O Read and Write Operations .............................. 28
Figure 6.: DMA Mode for the XRT86L30 and a Microprocessor ...................................................................................... 29
Figure 7.: LIU Transmit Connection Diagram Using Internal Termination ..................................................................... 144
Figure 8.: LIU Receive Connection Diagram Using Internal Termination ..................................................................... 144
Figure 9.: Simplified Block Diagram of the Transmit Interface for 1:1 and 1+1 Redundancy ........................................ 145
Figure 10.: Simplified Block Diagram of the Receive Interface for 1:1 and 1+1 Redundancy ....................................... 146
Figure 11.: Simplified Block Diagram of a Non-Intrusive Monitoring Application ........................................................... 147
Figure 12.: Transmit T1/E1 Serial PCM Interface .......................................................................................................... 148
Figure 13.: Receive T1/E1 Serial PCM Interface ........................................................................................................... 148
Figure 14.: T1 Fractional Interface ................................................................................................................................. 149
Figure 15.: T1/E1 Time Slot Substitution and Control .................................................................................................... 150
Figure 16.: Robbed Bit Signaling / CAS Signaling ......................................................................................................... 151
Figure 17.: ESF / CAS External Signaling Bus .............................................................................................................. 151
Figure 18.: SF / SLC-96 or 4-code Signaling in ESF / CAS External Signaling Bus ...................................................... 152
Figure 19.: T1/E1 Overhead Interface ........................................................................................................................... 153
Figure 20.: T1 External Overhead Datalink Bus ............................................................................................................ 153
Figure 21.: E1 Overhead External Datalink Bus ............................................................................................................ 154
Figure 22.: Simplified Block Diagram of the Framer Bypass Mode ............................................................................... 154
Figure 23.: T1 High-Speed Non-Multiplexed Interface ................................................................................................... 155
Figure 24.: E1 High-Speed Non-Multiplexed Interface .................................................................................................. 155
Figure 25.: Transmit High-Speed Bit Multiplexed Block Diagram .................................................................................. 156
Figure 26.: Receive High-Speed Bit Multiplexed Block Diagram ................................................................................... 156
Figure 27.: Simplified Block Diagram of Local Analog Loopback .................................................................................. 157
Figure 28.: Simplified Block Diagram of Remote Loopback ........................................................................................... 157
Figure 29.: Simplified Block Diagram of Digital Loopback ............................................................................................. 158
Figure 30.: Simplified Block Diagram of Dual Loopback ................................................................................................ 158
Figure 31.: Simplified Block Diagram of the Framer Remote Line Loopback ................................................................ 158
Figure 32.: Simplified Block Diagram of the Framer Local Loopback ............................................................................ 159
Figure 33.: Simplified Block Diagram of the Framer Local Loopback ............................................................................ 159
Figure 34.: HDLC Controllers ......................................................................................................................................... 160
Figure 35.: LAPD Frame Structure ................................................................................................................................ 163
Figure 36.: Block Diagram of the DS1 Transmit Overhead Input Interface of the XRT86L30 ....................................... 170
Figure 37.: DS1 Transmit Overhead Input Interface Timing in ESF Framing Format mode .......................................... 172
Figure 38.: DS1 Transmit Overhead Input Timing in N or SLC®96 Framing Format Mode .......................................... 173
Figure 39.: DS1 Transmit Overhead Input Interface module in T1DM Framing Format mode ...................................... 173
Figure 40.: Block Diagram of the DS1 Receive Overhead Output Interface of XRT86L30 ............................................ 174
Figure 41.: DS1 Receive Overhead Output Interface module in ESF framing format mode ......................................... 175
Figure 42.: DS1 Receive Overhead Output Interface Timing in N or SLC®96 Framing Format mode .......................... 176
Figure 43.: DS1 Receive Overhead Output Interface Timing in T1DM Framing Format mode ..................................... 177
Figure 44.: Block Diagram of the E1 Transmit Overhead Input Interface of XRT86L30 ................................................ 178
Figure 45.: E1 Transmit Overhead Input Interface Timing ............................................................................................. 180
Figure 46.: Block Diagram of the E1 Receive Overhead Output Interface of XRT86L30 .............................................. 180
Figure 47.: E1 Receive Overhead Output Interface Timing ........................................................................................... 182
Figure 48.: TAOS (Transmit All Ones) ........................................................................................................................... 183
Figure 49.: Simplified Block Diagram of the ATAOS Function ....................................................................................... 184
Figure 50.: Network Loop Up Code Generation ............................................................................................................. 184
Figure 51.: Network Loop Down Code Generation ........................................................................................................ 184
Figure 52.: Long Haul Line Build Out with -7.5dB Attenuation ....................................................................................... 185
Figure 53.: Long Haul Line Build Out with -15dB Attenuation ........................................................................................ 185
Figure 54.: Long Haul Line Build Out with -22.5dB Attenuation ..................................................................................... 186
Figure 55.: Arbitrary Pulse Segment Assignment .......................................................................................................... 187
Figure 56.: Typical Connection Diagram Using Internal Termination ............................................................................ 188
Figure 57.: Typical Connection Diagram Using Internal Termination ........................................................................... 189
Figure 58.: Typical Connection Diagram Using One External Fixed Resistor ............................................................... 190


Similar Part No. - XRT86L30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30IB EXAR-XRT86L30IB Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30IB EXAR-XRT86L30IB Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
More results

Similar Description - XRT86L30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30 EXAR-XRT86L30_07 Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30 Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X_0710 EXAR-XRT86VL3X_0710 Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com