Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86L30 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT86L30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86L30 Datasheet(HTML) 3 Page - Exar Corporation

  XRT86L30 Datasheet HTML 1Page - Exar Corporation XRT86L30 Datasheet HTML 2Page - Exar Corporation XRT86L30 Datasheet HTML 3Page - Exar Corporation XRT86L30 Datasheet HTML 4Page - Exar Corporation XRT86L30 Datasheet HTML 5Page - Exar Corporation XRT86L30 Datasheet HTML 6Page - Exar Corporation XRT86L30 Datasheet HTML 7Page - Exar Corporation XRT86L30 Datasheet HTML 8Page - Exar Corporation XRT86L30 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 284 page
background image
XRT86L30
3
REV. 1.0.1
SINGLE T1/E1/J1 FRAMER/LIU COMBO
Direct access to D and E channels for fast transmission of data link information
PRBS, QRSS, and Network Loop Code generation and detection
Programmable Interrupt output pin
Supports programmed I/O and DMA modes of Read-Write access
Each framer block encodes and decodes the T1/E1/J1 Frame serial data
Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms
Detects OOF, LOF, LOS errors and COFA conditions
Loopbacks: Local (LLB) and Line remote (LB)
Facilitates Inverse Multiplexing for ATM
Performance monitor with one second polling
Boundary scan (IEEE 1149.1) JTAG test port
Accepts external 8kHz Sync reference
3.3V CMOS operation with 5V tolerant inputs
128-pin LQFP package with -40°C to +85°C operation
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT86L30IV
128 LQFP
-40
°C to +85°C


Similar Part No. - XRT86L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30 EXAR-XRT86L30 Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30 Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30IB EXAR-XRT86L30IB Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30IB EXAR-XRT86L30IB Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30_07 Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
More results

Similar Description - XRT86L30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86L30 EXAR-XRT86L30_07 Datasheet
5Mb / 279P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86L30 EXAR-XRT86L30 Datasheet
3Mb / 284P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X_0710 EXAR-XRT86VL3X_0710 Datasheet
1Mb / 154P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com