Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation XRT86VL30 Datasheet HTML 10Page - Exar Corporation XRT86VL30 Datasheet HTML 11Page - Exar Corporation XRT86VL30 Datasheet HTML 12Page - Exar Corporation XRT86VL30 Datasheet HTML 13Page - Exar Corporation XRT86VL30 Datasheet HTML 14Page - Exar Corporation XRT86VL30 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 188 page
background image
XRT86VL30
6
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Device ID Register
DEVID
0x01FE
Revision Number Register
REVID
0x01FF
Time Slot (payload) Control (0x0300 - 0x03FF)
Transmit Channel Control Register 0-31
TCCR 0-31
0x0300 -
0x031F
User Code Register 0-31
TUCR 0-31
0x0320 -
0x033F
Transmit Signaling Control Register 0 -31
TSCR 0-31
0x0340 -
0x035F
Receive Channel Control Register 0-31
RCCR 0-31
0x0360 -
0x037F
Receive User Code Register 0-31
RUCR 0-31
0x0380 -
0x039F
Receive Signaling Control Register 0-31
RSCR 0-31
0x03A0 -
0x03BF
Receive Substitution Signaling Register 0-31
RSSR 0-31
0x03C0 -
0x03DF
Receive Signaling Array (0x0500 - 0x051F)
Receive Signaling Array Register 0
RSAR0-31
0x0500 -
0x051F
LAPDn Buffer 0
LAPD Buffer 0 Control Register
LAPDBCR0
0x0600 -
0x0660
LAPDn Buffer 1
LAPD Buffer 1 Control Register
LAPDBCR1
0x0700 -
0x0760
Performance Monitor
Receive Line Code Violation Counter: MSB
RLCVCU
0x0900
Receive Line Code Violation Counter: LSB
RLCVCL
0x0901
Receive Frame Alignment Error Counter: MSB
RFAECU
0x0902
Receive Frame Alignment Error Counter: LSB
RFAECL
0x0903
Receive Severely Errored Frame Counter
RSEFC
0x0904
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: MSB
RSBBECU
0x0905
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: LSB
RSBBECL
0x0906
Receive Far-End Block Error Counter: MSB
RFEBECU
0x0907
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX


Similar Part No. - XRT86VL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30 Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30 EXAR-XRT86VL30 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV-F EXAR-XRT86VL30IV-F Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
More results

Similar Description - XRT86VL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com