Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL3X Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT86VL3X
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL3X Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT86VL3X Datasheet HTML 5Page - Exar Corporation XRT86VL3X Datasheet HTML 6Page - Exar Corporation XRT86VL3X Datasheet HTML 7Page - Exar Corporation XRT86VL3X Datasheet HTML 8Page - Exar Corporation XRT86VL3X Datasheet HTML 9Page - Exar Corporation XRT86VL3X Datasheet HTML 10Page - Exar Corporation XRT86VL3X Datasheet HTML 11Page - Exar Corporation XRT86VL3X Datasheet HTML 12Page - Exar Corporation XRT86VL3X Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 154 page
background image
XRT86VL3X
VI
REV. 1.2.3
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
Figure 104.: Frame/Byte Format of the CAS Multi-Frame Structure ............................................................................. 115
Figure 105.: E1 Frame Format ...................................................................................................................................... 116
Figure 106.: T1 Frame Format ....................................................................................................................................... 117
Figure 107.: T1 Superframe PCM Format ..................................................................................................................... 118
Figure 108.: T1 Extended Superframe Format .............................................................................................................. 119
Figure 109.: T1DM Frame Format ................................................................................................................................. 121
Figure 110.: Framer System Transmit Timing Diagram (Base Rate/Non-Mux) ............................................................. 125
Figure 111.: Framer System Receive Timing Diagram (RxSERCLK as an Output) ...................................................... 126
Figure 112.: Framer System Receive Timing Diagram (RxSERCLK as an Input) ......................................................... 127
Figure 113.: Framer System Transmit Timing Diagram (HMVIP and H100 Mode) ....................................................... 128
Figure 114.: Framer System Receive Timing Diagram (HMVIP/H100 Mode) ............................................................... 129
Figure 115.: Framer System Transmit Overhead Timing Diagram ................................................................................ 130
Figure 116.: Framer System Receive Overhead Timing Diagram (RxSERCLK as an Output) ..................................... 131
Figure 117.: Framer System Receive Overhead Timing Diagram (RxSERCLK as an Input) ........................................ 131
Figure 118.: ITU G.703 Pulse Template ........................................................................................................................ 135
Figure 119.: DSX-1 Pulse Template (normalized amplitude) ........................................................................................ 136
Figure 120.: Intel µP Interface Timing During Programmed I/O Read and Write Operations When ALE Is Not Tied ’HIGH’
137
Figure 121.: Intel µP Interface Timing During Programmed I/O Read and Write Operations When ALE Is Tied ’HIGH’ 139
Figure 122.: Motorola Asychronous Mode Interface Signals During Programmed I/O Read and Write Operations ..... 140
Figure 123.: Power PC 403 Interface Signals During Programmed I/O Read and Write Operations ........................... 141
Figure 124.: DMA Write Cycle Timing Waveform .......................................................................................................... 142
Figure 125.: DMA Read Cycle Timing Waveform .......................................................................................................... 142


Similar Part No. - XRT86VL3X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
More results

Similar Description - XRT86VL3X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com