Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30IV Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 1 Page - Exar Corporation

  XRT86VL30IV Datasheet HTML 1Page - Exar Corporation XRT86VL30IV Datasheet HTML 2Page - Exar Corporation XRT86VL30IV Datasheet HTML 3Page - Exar Corporation XRT86VL30IV Datasheet HTML 4Page - Exar Corporation XRT86VL30IV Datasheet HTML 5Page - Exar Corporation XRT86VL30IV Datasheet HTML 6Page - Exar Corporation XRT86VL30IV Datasheet HTML 7Page - Exar Corporation XRT86VL30IV Datasheet HTML 8Page - Exar Corporation XRT86VL30IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 188 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT86VL30
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
MAY 2008
REV. 1.0.0
GENERAL DESCRIPTION
The XRT86VL30 is a single channel 1.544 Mbit/s or
2.048 Mbit/s DS1/E1/J1 framer and LIU integrated
solution
featuring
R3
technology
(Relayless,
Reconfigurable,
Redundancy).
The
physical
interface is optimized with internal impedance, and
with the patented pad structure, the XRT86VL30
provides protection from power failures and hot
swapping.
The XRT86VL30 contains an integrated DS1/E1/J1
framer and LIU which provides DS1/E1/J1 framing
and error accumulation in accordance with ANSI/
ITU_T specifications. The framer has its own framing
synchronizer and transmit-receive slip buffers. The
slip buffers can be independently enabled or disabled
as required and can be configured to frame to the
common DS1/E1/J1 signal formats.
The Framer block contains its own Transmit and
Receive T1/E1/J1 Framing function. There are 3
Transmit
HDLC
controllers
which
encapsulate
contents of the Transmit HDLC buffers into LAPD
Message frames. There are 3 Receive HDLC
controllers which extract the payload content of
Receive LAPD Message frames from the incoming
T1/E1/J1 data stream and write the contents into the
Receive HDLC buffers. The framer also contains a
Transmit and Overhead Data Input port, which
permits Data Link Terminal Equipment direct access
to the outbound T1/E1/J1 frames.
Likewise, a
Receive Overhead output data port permits Data Link
Terminal Equipment direct access to the Data Link
bits of the inbound T1/E1/J1 frames.
The XRT86VL30 fully meets all of the latest T1/E1/J1
specifications:
ANSI T1/E1.107-1988, ANSI T1/
E1.403-1995,
ANSI
T1/E1.231-1993,
ANSI
T1/
E1.408-1990, AT&T TR 62411 (12-90) TR54016, and
ITU G-703 (Including Section 13 - Synchronization),
G.704, G706 and G.733, AT&T Pub. 43801, and ETS
300 011, 300 233, JT G.703, JT G.704, JT G706,
I.431. Extensive test and diagnostic functions include
Loop-backs, Boundary scan, Pseudo Random bit
sequence
(PRBS)
test
pattern
generation,
Performance Monitor, Bit Error Rate (BER) meter,
forced error insertion, and LAPD unchannelized data
payload processing according to ITU-T standard
Q.921.
APPLICATIONS AND FEATURES (NEXT PAGE)
FIGURE 1. XRT86VL30 SINGLE CHANNEL DS1 (T1/E1/J1) FRAMER/LIU COMBO
Performance
Monitor
PRBS
Generator &
Analyser
HDLC/LAPD
Controllers
LIU &
Loopback
Control
DMA
Interface
Signaling &
Alarms
JTAG
WR
ALE_AS
RD
RDY_DTACK
µP
Select
A[11:0]
D[7:0]
Microprocessor
Interface
4
3
Tx Serial
Clock
Rx Serial
Clock
8kHz sync
OSC
Back Plane
1.544-16.384 Mbit/s
Local PCM
Highway
2-Frame
Slip Buffer
Elastic Store
Tx Serial
Data In
Tx LIU
Interface
2-Frame
Slip Buffer
Elastic Store
Rx LIU
Interface
Rx Framer
Rx Serial
Data Out
RTIP
RRING
TTIP
TRING
External Data
Link Controller
Tx Overhead In
Rx Overhead Out
XRT86VL30
Tx Framer
LLB
LB
System (Terminal) Side
Line Side
1:1 Turns Ratio
1:2 Turns Ratio
Memory
Intel/Motorola µP
Configuration, Control &
Status Monitor
RxLOS
TxON
INT


Similar Part No. - XRT86VL30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV-F EXAR-XRT86VL30IV-F Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30IV80 EXAR-XRT86VL30IV80 Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30IV80 EXAR-XRT86VL30IV80 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VL30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com