Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30IV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT86VL30IV Datasheet HTML 5Page - Exar Corporation XRT86VL30IV Datasheet HTML 6Page - Exar Corporation XRT86VL30IV Datasheet HTML 7Page - Exar Corporation XRT86VL30IV Datasheet HTML 8Page - Exar Corporation XRT86VL30IV Datasheet HTML 9Page - Exar Corporation XRT86VL30IV Datasheet HTML 10Page - Exar Corporation XRT86VL30IV Datasheet HTML 11Page - Exar Corporation XRT86VL30IV Datasheet HTML 12Page - Exar Corporation XRT86VL30IV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 188 page
background image
XRT86VL30
4
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
DESCRIPTION OF THE CONTROL REGISTERS - E1 MODE
All address on this register description is shown in HEX format.
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX
Control Registers (0x0100 - 0x01FF)
Clock and Select Register
CSR
0x0100
Line Interface Control Register
LICR
0x0101
Reserved
-
0x0102 - 0x0106
Framing Select Register
FSR
0x0107
Alarm Generation Register
AGR
0x0108
Synchronization MUX Register
SMR
0x0109
Transmit Signaling and Data Link Select Register
TSDLSR
0x010A
Framing Control Register
FCR
0x010B
Receive Signaling & Data Link Select Register
RSDLSR
0x010C
Receive Signaling Change Register 0
RSCR0
0x010D
Receive Signaling Change Register 1
RSCR1
0x010E
Receive Signaling Change Register 2
RSCR2
0x010F
Receive Signaling Change Register 3
RSCR3
0x0110
Receive National Bits Register
RNBR
0x0111
Receive Extra Bits Register
REBR
0x0112
Data Link Control Register 1
DLCR1
0x0113
Transmit Data Link Byte Count Register 1
TDLBCR1
0x0114
Receive Data Link Byte Count Register 1
RDLBCR1
0x0115
Slip Buffer Control Register
SBCR
0x0116
FIFO Latency Register
FIFOLR
0x0117
DMA 0 (Write) Configuration Register
D0WCR
0x0118
DMA 1 (Read) Configuration Register
D1RCR
0x0119
Interrupt Control Register
ICR
0x011A
LAPD Select Register
LAPDSR
0x011B
Reserved - T1 mode only
-
0x011C
Performance Report Control Register
PRCR
0x011D
Gapped Clock Control Register
GCCR
0x011E
Transmit Interface Control Register
TICR
0x0120
BERT Control & Status Register 0
BERTCSR0
0x0121
Receive Interface Control Register
RICR
0x0122


Similar Part No. - XRT86VL30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV-F EXAR-XRT86VL30IV-F Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30IV80 EXAR-XRT86VL30IV80 Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30IV80 EXAR-XRT86VL30IV80 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
More results

Similar Description - XRT86VL30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_1 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VX38 EXAR-XRT86VX38 Datasheet
1Mb / 185P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com