Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-012-07NF5-3FX Datasheet(PDF) 3 Page - Glenair, Inc.

Part # 800-012-07NF5-3FX
Description  Printed Circuit Board Receptacle Ordering Info
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-012-07NF5-3FX Datasheet(HTML) 3 Page - Glenair, Inc.

  800-012-07NF5-3FX Datasheet HTML 1Page - Glenair, Inc. 800-012-07NF5-3FX Datasheet HTML 2Page - Glenair, Inc. 800-012-07NF5-3FX Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-12
E-Mail: sales@glenair.com
DIMENSIONS
Shell
Size
A SQ
B
Ø C
Ø D
E Threads
Mating
Ø F
Tail Dia.
G Max
H
In.
mm.
In.
mm.
In.
mm.
In.
mm. ± .005 ± 0.13
In.
mm.
In.
mm.
5
.527
13.39
.363
9.22
.680
17.27
.094
2.39
.3125-28 UN-2A
#23
.018/.022 (0.46/0.56)
#20
.024/.028 (0.61/0.71)
#16
.060/.064 (1.52/1.63)
#12
.092/.096 (2.34/2.44)
.725
18.42
.426
10.82
6
.588
14.92
.423
10.74
.750
19.05
.094
2.39
.3750-28 UN-2A
.725
18.42
.426
10.82
7
.650
16.51
.483
12.27
.830
21.08
.128
3.25
.4375-28 UNEF-2A
.700
17.78
.255
6.48
8
.710
18.03
.542
13.77
.938
23.83
.128
3.25
.5000-32 UN-2A
.700
17.78
.255
6.48
9
.938
23.83
.719
18.26 1.250
31.75
.128
3.25
.5625-32 UN-2A
.700
17.78
.255
6.48
10
.938
23.83
.719
18.26 1.250
31.75
.128
3.25
.6250-32 UN-2A
.700
17.78
.255
6.48
12
1.031
26.19
.812
20.62 1.375
34.93
.128
3.25
.7500-28 UN-2A
.700
17.78
.255
6.48
SERIES 800 KEY POSITIONS
Key Position
Key Rotation
Plug Key Position
Receptacle Key Position
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at
top dead center for normal (N) position. Shell
size 7 thru 12: master key is rotated 90° from
TDC.
NORMAL
60°
60°
NORMAL
Series 800 “Mighty Mouse” with UN Mating Thread
Printed Circuit Board Receptacle Dimensions
Square Flange Receptacle 800-012-02
4X .025 (.64) STANDOFF
E THREAD
Ø C
A SQ
B BSC
G MAX
H
4X Ø D
THRU HOLE
.039 (.10) SHELL SIZE 5 & 6
.050 (1.27) SHELL SIZE 7 THRU 12
.320 (8.1) SHELL SIZE 5 & 6
.460 (11.7) SHELL SIZE 7 THRU 12
.125 (3.18) MIN
ø F
SOLDER CUP CONTACT REF.
Rev. 01-FEB-2009


Similar Part No. - 800-012-07NF5-3FX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
More results

Similar Description - 800-012-07NF5-3FX

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-032 GLENAIR-800-032 Datasheet
240Kb / 1P
   Right Angle Printed Circuit Board Receptacle Headers
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Molex Electronics Ltd.
0731000232 MOLEX11-0731000232 Datasheet
55Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
0731000232 MOLEX-0731000232_V01 Datasheet
46Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
73100-0232 MOLEX11-73100-0232 Datasheet
34Kb / 1P
   50 Ohms, TNC Printed Circuit Board Jack Receptacle
logo
Intersil Corporation
ICL3221IAZ-T INTERSIL-ICL3221IAZ-T Datasheet
662Kb / 28P
   Pb-Free Plus Anneal Available as an Option RoHS Compliant) (See Ordering Info)
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
Glenair, Inc.
800-010-01C5-3PN GLENAIR-800-010-01C5-3PN Datasheet
243Kb / 4P
   Crimp Receptacle Ordering Information
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com