Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 5Page - Exar Corporation XRT86VL30 Datasheet HTML 6Page - Exar Corporation XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation XRT86VL30 Datasheet HTML 10Page - Exar Corporation XRT86VL30 Datasheet HTML 11Page - Exar Corporation XRT86VL30 Datasheet HTML 12Page - Exar Corporation XRT86VL30 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
XRT86VL30
7
REV. 1.0.3
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
128-PIN# 80-PIN#
TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION
TxSER/
TxPOS
55
30
I
-
Transmit Serial Data Input (TxSER)/Transmit Positive Dig-
ital Input (TxPOS):
The exact function of this pin depends on the mode of opera-
tion selected, as described below.
DS1/E1 Mode - TxSER
This pin functions as the transmit serial data input on the sys-
tem side interface, which are latched on the rising edge of the
TxSERCLk pin. Any payload data applied to this pin will be
inserted into an outbound DS1/E1 frame and output to the
line. In DS1 mode, the framing alignment bits, facility data link
bits, CRC-6 bits, and signaling information can also be
inserted from this input pin if configured appropriately. In E1
mode, all data intended to be transported via Time Slots 1
through 15 and Time slots 17 through 31 must be applied to
this input pin. Data intended for Time Slots 0 and 16 can also
be applied to this input pin If configured accordingly.
DS1 or E1 High-Speed Multiplexed Mode* - TxSER
In this mode, this pin is used as the high-speed multiplexed
data input pin on the system side. High-speed multiplexed
data must be applied to TxSER in a byte or bit-interleaved
way. The three unused channels are ignored for the single
channel device. The framer latches in the multiplexed data on
TxSER using TxMSYNC/TxINCLK and demultiplexes this
data into 1 serial stream and 3 unused serial streams. The
LIU block will then output the data to the line interface using
TxSERCLK.
DS1 or E1 Framer Bypass Mode - TxPOS
In this mode, TxSER is used for the positive digital input pin
(TxPOS) to the LIU.
NOTE:
1.
*High-speed multiplexed modes include (For T1/E1)
16.384MHz HMVIP, H.100, Bit-multiplexed modes,
and (For T1 only) 12.352MHz Bit-multiplexed mode.
2.
In DS1 high-speed modes, the DS-0 data is mapped
into an E1 frame by ignoring every fourth time slot
(don’t care).
3.
This pin is internally pulled “High”.


Similar Part No. - XRT86VL30

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
1Mb / 175P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL30IV-F EXAR-XRT86VL30IV-F Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
More results

Similar Description - XRT86VL30

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS26503 DALLAS-DS26503 Datasheet
995Kb / 123P
   T1/E1/J1 BITS Element
logo
Maxim Integrated Produc...
DS26503 MAXIM-DS26503_07 Datasheet
3Mb / 122P
   T1/E1/J1 BITS Element
REV: 100507
DS26504 MAXIM-DS26504 Datasheet
1Mb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 070105
DS26502 MAXIM-DS26502 Datasheet
1Mb / 124P
   T1/E1/J1/64KCC BITS Element
REV: 032405
DS26504 MAXIM-DS26504_06 Datasheet
1,022Kb / 128P
   T1/E1/J1/64KCC BITS Element
REV: 100507
logo
Dallas Semiconductor
DS26502 DALLAS-DS26502_06 Datasheet
1Mb / 125P
   T1/E1/J1/64KCC BITS Element
logo
Maxim Integrated Produc...
DS26504 MAXIM-DS26504_V01 Datasheet
3Mb / 129P
   T1/E1/J1/64KCC BITS Element
REV: 072308
DS26503DK MAXIM-DS26503DK Datasheet
1Mb / 30P
   T1/E1/J1 BITS Element Design Kit
REV: 031507
DS26502DK MAXIM-DS26502DK Datasheet
1Mb / 30P
   T1/E1/J1/64KCC Bits Element Design Kit
REV: 031507
DS26504DK MAXIM-DS26504DK Datasheet
1Mb / 30P
   T1/E1/J1/64K/8KCC BITS Element Design Kit
REV: 031507
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com