Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT86VL30_1 Datasheet HTML 3Page - Exar Corporation XRT86VL30_1 Datasheet HTML 4Page - Exar Corporation XRT86VL30_1 Datasheet HTML 5Page - Exar Corporation XRT86VL30_1 Datasheet HTML 6Page - Exar Corporation XRT86VL30_1 Datasheet HTML 7Page - Exar Corporation XRT86VL30_1 Datasheet HTML 8Page - Exar Corporation XRT86VL30_1 Datasheet HTML 9Page - Exar Corporation XRT86VL30_1 Datasheet HTML 10Page - Exar Corporation XRT86VL30_1 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 175 page
background image
XRT86VL30
IV
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
Table 59:: LAPD Buffer 1 Control Register (LAPDBCR1)
Hex Address: 0x0700 ...................................... 78
Table 60:: PMON Receive Line Code Violation Counter MSB (RLCVCU)
Hex Address: 0x0900 ................. 79
Table 61:: PMON Receive Line Code Violation Counter LSB (RLCVCL)
Hex Address: 0x0901 ................ 79
Table 62:: PMON Receive Framing Alignment Bit Error Counter MSB (RFAECU) Hex Address: 0x0902 ................... 80
Table 63:: PMON Receive Framing Alignment Bit Error Counter LSB (RFAECL)
Hex Address: 0x0903 .................... 80
Table 64:: PMON Receive Severely Errored Frame Counter (RSEFC)
Hex Address: 0x0904 ................... 81
Table 65:: PMON Receive CRC-6 BIT Error Counter - MSB (RSBBECU)
Hex Address: 0x0905 ................. 82
Table 66:: PMON Receive CRC-6 Bit Error Counter - LSB (RSBBECL)
Hex Address: 0x0906 ................ 82
Table 67:: PMON Receive Slip Counter (RSC)
Hex Address: 0x0909 ............... 83
Table 68:: PMON Receive Loss of Frame Counter (RLFC)
Hex Address: 0x090A ................ 83
Table 69:: PMON Receive Change of Frame Alignment Counter (RCFAC)
Hex Address: 0x090B ................ 83
Table 70:: PMON LAPD1 Frame Check Sequence Error Counter 1 (LFCSEC1)
Hex Address: 0x090C ................. 84
Table 71:: PRBS Bit Error Counter MSB (PBECU)
Hex Address: 0x090D ................. 84
Table 72:: PRBS Bit Error Counter LSB (PBECL)
Hex Address: 0x090E ................. 84
Table 73:: Transmit Slip Counter (TSC)
Hex Address: 0x090F ............... 85
Table 74:: Excessive Zero Violation Counter MSB (EZVCU)
Hex Address: 0x0910 ................. 85
Table 75:: Excessive Zero Violation Counter LSB (EZVCL)
Hex Address: 0x0911 ................. 85
Table 76:: PMON LAPD2 Frame Check Sequence Error Counter 2 (LFCSEC2)
Hex Address: 0x091C ................. 86
Table 77:: PMON LAPD2 Frame Check Sequence Error Counter 3 (LFCSEC3)
Hex Address: 0x092C ................. 86
Table 78:: Block Interrupt Status Register (BISR)
Hex Address: 0x0B00 .................... 87
Table 79:: Block Interrupt Enable Register (BIER)
Hex Address: 0x0B01 ................... 89
Table 80:: Alarm & Error Interrupt Status Register (AEISR)
Hex Address: 0x0B02 ..................... 91
Table 81:: Alarm & Error Interrupt Enable Register (AEIER)
Hex Address: 0x0B03 ...................... 93
Table 82:: Framer Interrupt Status Register (FISR)
Hex Address: 0x0B04 ................... 94
Table 83:: Framer Interrupt Enable Register (FIER)
Hex Address: 0x0B05 ................... 96
Table 84:: Data Link Status Register 1 (DLSR1)
Hex Address: 0x0B06 ................ 98
Table 85:: Data Link Interrupt Enable Register 1 (DLIER1)
Hex Address: 0x0B07 ................. 100
Table 86:: Slip Buffer Interrupt Status Register (SBISR)
Hex Address: 0x0B08 ................... 102
Table 87:: Slip Buffer Interrupt Enable Register (SBIER)
Hex Address: 0x0B09 .................. 105
Table 88:: Receive Loopback Code Interrupt and Status Register (RLCISR)
Hex Address: 0x0B0A ................... 107
Table 89:: Receive Loopback Code Interrupt Enable Register (RLCIER)
Hex Address: 0x0B0B ................... 108
Table 90:: Excessive Zero Status Register (EXZSR)
Hex Address: 0x0B0E ................ 109
Table 91:: Excessive Zero Enable Register (EXZER)
Hex Address: 0x0B0F .............. 109
Table 92:: SS7 Status Register for LAPD1 (SS7SR1)
Hex Address: 0x0B10 ................ 110
Table 93:: SS7 Enable Register for LAPD1 (SS7ER1)
Hex Address: 0x0B11 .............. 110
Table 94:: RxLOS/CRC Interrupt Status Register (RLCISR)
Hex Address: 0x0B12 ............... 111
Table 95:: RxLOS/CRC Interrupt Enable Register (RLCIER)
Hex Address: 0x0B13 ............... 111
Table 96:: Data Link Status Register 2 (DLSR2)
Hex Address: 0x0B16 ............... 112
Table 97:: Data Link Interrupt Enable Register 2 (DLIER2)
Hex Address: 0x0B17 ................. 114
Table 98:: SS7 Status Register for LAPD2 (SS7SR2)
Hex Address: 0x0B18 ................ 116
Table 99:: SS7 Enable Register for LAPD2 (SS7ER2)
Hex Address: 0x0B19 ................ 116
Table 100:: Data Link Status Register 3 (DLSR3)
Hex Address: 0x0B26 ............. 117
Table 101:: Data Link Interrupt Enable Register 3 (DLIER3)
Hex Address: 0x0B27 .............. 119
Table 102:: SS7 Status Register for LAPD3 (SS7SR3)
Hex Address: 0x0B28 ............. 121
Table 103:: SS7 Enable Register for LAPD3 (SS7ER3)
Hex Address: 0x0B29 ............ 121
Table 104:: Customer Installation Alarm Status Register (CIASR)
Hex Address: 0x0B40 .................. 122
Table 105:: Customer Installation Alarm Status Register (CIAIER)
Hex Address: 0x0B41 .................. 123
Table 106:: LIU Channel Control Register 0 (LIUCCR0)
Hex Address: 0x0F00 ............ 124
Table 107:: Equalizer Control and Transmit Line Build Out ........................................................................................... 126
Table 108:: LIU Channel Control Register 1 (LIUCCR1)
Hex Address: 0x0F01 ........... 127
Table 109:: LIU Channel Control Register 2 (LIUCCR2)
Hex Address: 0x0F02 ............ 129
Table 110:: LIU Channel Control Register 3 (LIUCCR3)
Hex Address: 0x0F03 ........... 131
Table 111:: LIU Channel Control Interrupt Enable Register (LIUCCIER)
Hex Address: 0x0F04 ................. 133
Table 112:: LIU Channel Control Status Register (LIUCCSR)
Hex Address: 0x0F05 ................ 135
Table 113:: LIU Channel Control Interrupt Status Register (LIUCCISR)
Hex Address: 0x0F06 .................... 138
Table 114:: LIU Channel Control Cable Loss Register (LIUCCCCR)
Hex Address: 0x0F07 ............... 139
Table 115:: LIU Channel Control Arbitrary Register 1 (LIUCCAR1)
Hex Address: 0x0F08 .................. 140
Table 116:: LIU Channel Control Arbitrary Register 2 (LIUCCAR2)
Hex Address: 0x0F09 ..................... 140
Table 117:: LIU Channel Control Arbitrary Register 3 (LIUCCAR3)
Hex Address: 0x0F0A ..................... 140
Table 120:: LIU Channel Control Arbitrary Register 6 (LIUCCAR6)
Hex Address: 0x0F0D ..................... 141


Similar Part No. - XRT86VL30_1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
More results

Similar Description - XRT86VL30_1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com