Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL34IB Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT86VL34IB
Description  T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34IB Datasheet(HTML) 1 Page - Exar Corporation

  XRT86VL34IB Datasheet HTML 1Page - Exar Corporation XRT86VL34IB Datasheet HTML 2Page - Exar Corporation XRT86VL34IB Datasheet HTML 3Page - Exar Corporation XRT86VL34IB Datasheet HTML 4Page - Exar Corporation XRT86VL34IB Datasheet HTML 5Page - Exar Corporation XRT86VL34IB Datasheet HTML 6Page - Exar Corporation XRT86VL34IB Datasheet HTML 7Page - Exar Corporation XRT86VL34IB Datasheet HTML 8Page - Exar Corporation XRT86VL34IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 154 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT86VL3x
T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
OCTOBER 2007
REV. 1.2.3
GENERAL DESCRIPTION
The XRT86VL3x is a 1.544 Mbit/s or 2.048 Mbit/s
DS1/E1/J1
framer
and
LIU
integrated
solution
featuring R3 technology (Relayless, Reconfigurable,
Redundancy) that comes in a 2-channel, 4-channel,
or 8-channel package.
The physical interface is
optimized with internal impedance, and with the
patented pad structure, the XRT86VL3x provides
protection from power failures and hot swapping.
The XRT86VL3x contains an integrated DS1/E1/J1
framer and LIU which provide DS1/E1/J1 framing and
error accumulation in accordance with ANSI/ITU_T
specifications. Each framer has its own framing
synchronizer and transmit-receive slip buffers. The
slip buffers can be independently enabled or disabled
as required and can be configured to frame to the
common DS1/E1/J1 signal formats.
Each Framer block contains its own Transmit and
Receive T1/E1/J1 Framing function. There are 3
Transmit
HDLC
controllers
per
channel
which
encapsulate contents of the Transmit HDLC buffers
into LAPD Message frames. There are 3 Receive
HDLC controllers per channel which extract the
payload content of Receive LAPD Message frames
from the incoming T1/E1/J1 data stream and write the
contents into the Receive HDLC buffers. Each framer
also contains a Transmit and Overhead Data Input
port, which permits Data Link Terminal Equipment
direct access to the outbound T1/E1/J1 frames.
Likewise, a Receive Overhead output data port
permits Data Link Terminal Equipment direct access
to the Data Link bits of the inbound T1/E1/J1 frames.
The XRT86VL3x fully meets all of the latest T1/E1/J1
specifications:
ANSI T1/E1.107-1988, ANSI T1/
E1.403-1995,
ANSI
T1/E1.231-1993,
ANSI
T1/
E1.408-1990, AT&T TR 62411 (12-90) TR54016, and
ITU G-703, G.704, G706 and G.733, AT&T Pub.
43801, and ETS 300 011, 300 233, JT G.703, JT
G.704, JT G706, I.431. Extensive test and diagnostic
functions
include
Loop-backs,
Boundary
scan,
Pseudo Random bit sequence (PRBS) test pattern
generation, Performance Monitor, Bit Error Rate
(BER) meter, forced error insertion, and LAPD
unchannelized data payload processing according to
ITU-T standard Q.921.
Applications and Features (next page)
FIGURE 1. XRT86VL3X N-CHANNEL DS1 (T1/E1/J1) FRAMER/LIU COMBO
Performance
Monitor
PRBS
Generator &
Analyser
HDLC/LAPD
Controllers
LIU &
Loopback
Control
DMA
Interface
Signaling &
Alarms
JTAG
WR
ALE_AS
RD
RDY_DTACK
µP
Select
A[14:0]
D[7:0]
Microprocessor
Interface
4
3
Tx Serial
Clock
Rx Serial
Clock
8kHz sync
OSC
Back Plane
1.544-16.384 Mbit/s
Local PCM
Highway
2-Frame
Slip Buffer
Elastic Store
Tx Serial
Data In
Tx LIU
Interface
2-Frame
Slip Buffer
Elastic Store
Rx LIU
Interface
Rx Framer
Rx Serial
Data Out
RTIP
RRING
TTIP
TRING
External Data
Link Controller
Tx Overhead In
Rx Overhead Out
XRT86VL3x
1 of N-channels
Tx Framer
LLB
LB
System (Terminal) Side
Line Side
1:1 Turns Ratio
1:2 Turns Ratio
Memory
Intel/Motorola µP
Configuration, Control &
Status Monitor
RxLOS
TxON
INT


Similar Part No. - XRT86VL34IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34IB EXAR-XRT86VL34IB Datasheet
1Mb / 63P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VL34IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL3X EXAR-XRT86VL3X Datasheet
2Mb / 149P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL3X EXAR-XRT86VL3X_07 Datasheet
2Mb / 153P
   T1/E1/J1 FRAMER/LIU COMBO - ARCHITECTURE DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL32 EXAR-XRT86VL32_1 Datasheet
1Mb / 65P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com