Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30IV Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT86VL30IV
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
Download  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30IV Datasheet(HTML) 2 Page - Exar Corporation

  XRT86VL30IV Datasheet HTML 1Page - Exar Corporation XRT86VL30IV Datasheet HTML 2Page - Exar Corporation XRT86VL30IV Datasheet HTML 3Page - Exar Corporation XRT86VL30IV Datasheet HTML 4Page - Exar Corporation XRT86VL30IV Datasheet HTML 5Page - Exar Corporation XRT86VL30IV Datasheet HTML 6Page - Exar Corporation XRT86VL30IV Datasheet HTML 7Page - Exar Corporation XRT86VL30IV Datasheet HTML 8Page - Exar Corporation XRT86VL30IV Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 175 page
background image
XRT86VL30
2
SINGLE T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
REV. 1.0.0
APPLICATIONS
High-Density T1/E1/J1 interfaces for Multiplexers, Switches, LAN Routers and Digital Modems
SONET/SDH terminal or Add/Drop multiplexers (ADMs)
T1/E1/J1 add/drop multiplexers (MUX)
Channel Service Units (CSUs): T1/E1/J1 and Fractional T1/E1/J1
Digital Access Cross-connect System (DACs)
Digital Cross-connect Systems (DCS)
Frame Relay Switches and Access Devices (FRADS)
ISDN Primary Rate Interfaces (PRA)
PBXs and PCM channel bank
T3 channelized access concentrators and M13 MUX
Wireless base stations
ATM equipment with integrated DS1 interfaces
Multichannel DS1 Test Equipment
T1/E1/J1 Performance Monitoring
Voice over packet gateways
Routers
FEATURES
Supports SSM Synchronization Messaging per ANSI T1.101-1999 and ITU G.704
Supports a Customized Section 13 - Synchronization Interface in G.703 at 1.544MHz
Independent, full duplex DS1 Tx and Rx Framer/LIUs
Two 512-bit (two-frame) elastic store, PCM frame slip buffers (FIFO) on TX and Rx provide up to 8.192 MHz
asynchronous back plane connections with jitter and wander attenuation
Supports input PCM and signaling data at 1.544, 2.048, 4.096 and 8.192 Mbits. Also supports 2-channel
multiplexed 12.352/16.384 (HMVIP/H.100) Mbit/s on the back plane bus
Programmable output clocks for Fractional T1/E1/J1
Supports Channel Associated Signaling (CAS)
Supports Common Channel Signalling (CCS)
Supports ISDN Primary Rate Interface (ISDN PRI) signaling
Extracts and inserts robbed bit signaling (RBS)
3 Integrated HDLC controllers for transmit and receive, each controller having two 96-byte buffers (buffer 0 /
buffer 1)
HDLC Controllers Support SS7
Timeslot assignable HDLC
V5.1 or V5.2 Interface
Automatic Performance Report Generation (PMON Status) can be inserted into the transmit LAPD interface
every 1 second or for a single transmission
Alarm Indication Signal with Customer Installation signature (AIS-CI)


Similar Part No. - XRT86VL30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30IV EXAR-XRT86VL30IV Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
XRT86VL30IV-F EXAR-XRT86VL30IV-F Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30IV80 EXAR-XRT86VL30IV80 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30IV80 EXAR-XRT86VL30IV80 Datasheet
363Kb / 62P
   T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
More results

Similar Description - XRT86VL30IV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_2 Datasheet
2Mb / 160P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_2 Datasheet
2Mb / 155P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_2 Datasheet
2Mb / 156P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com