Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VX38IB256 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT86VX38IB256
Description  8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VX38IB256 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT86VX38IB256 Datasheet HTML 7Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 8Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 9Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 10Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 11Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 12Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 13Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 14Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 185 page
background image
XRT86VX38
7
REV. 1.0.1
8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Receive Synchronization Bit (CRC-6 (T1) CRC-4 (E1) Block) Error
Counter: LSB
RSBBECL
0xN906
Receive Far-End Block Error Counter: MSB
RFEBECU
0xN907
Receive Far-End Block Error Counter: LSB
RFEBECL
0xN908
Receive Slip Counter
RSC
0xN909
Receive Loss of Frame Counter
RLFC
0xN90A
Receive Change of Frame Alignment Counter
RCFAC
0xN90B
LAPD Frame Check Sequence Error counter 1
LFCSEC1
0xN90C
PRBS bit Error Counter: MSB
PBECU
0xN90D
PRBS bit Error Counter: LSB
PBECL
0xN90E
Transmit Slip Counter
TSC
0xN90F
Excessive Zero Violation Counter: MSB
EZVCU
0xN910
Excessive Zero Violation Counter: LSB
EZVCL
0xN911
LAPD Frame Check Sequence Error counter 2
LFCSEC2
0xN91C
LAPD Frame Check Sequence Error counter 3
LFCSEC3
0xN92C
Interrupt Generation/Enable Register Address Map (0xNB00 - 0xNB41)
Block Interrupt Status Register
BISR
0xNB00
Block Interrupt Enable Register
BIER
0xNB01
Alarm & Error Interrupt Status Register
AEISR
0xNB02
Alarm & Error Interrupt Enable Register
AEIER
0xNB03
Framer Interrupt Status Register
FISR
0xNB04
Framer Interrupt Enable Register
FIER
0xNB05
Data Link Status Register 1
DLSR1
0xNB06
Data Link Interrupt Enable Register 1
DLIER1
0xNB07
Slip Buffer Interrupt Status Register
SBISR
0xNB08
Slip Buffer Interrupt Enable Register
SBIER
0xNB09
Receive Loopback code Interrupt and Status Register
RLCISR
0xNB0A
Receive Loopback code Interrupt Enable Register
RLCIER
0xNB0B
Receive SA (Sa6) Interrupt Status Register
RSAISR
0xNB0C
Receive SA (Sa6) Interrupt Enable Register
RSAIER
0xNB0D
Excessive Zero Status Register
EXZSR
0xNB0E
Excessive Zero Enable Register
EXZER
0xNB0F
Reserved - T1 mode only
-
0xNB10 - 0xNB11
TABLE 1: REGISTER SUMMARY
FUNCTION
SYMBOL
HEX


Similar Part No. - XRT86VX38IB256

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VX38IB256

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VX38 EXAR-XRT86VX38_09 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com