Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VX38IB256 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT86VX38IB256
Description  8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VX38IB256 Datasheet(HTML) 4 Page - Exar Corporation

  XRT86VX38IB256 Datasheet HTML 1Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 2Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 3Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 4Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 5Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 6Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 7Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 8Page - Exar Corporation XRT86VX38IB256 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 185 page
background image
XRT86VX38
I
8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.1
Register Summary 4
Clock Select Register (CSR)
Hex Address: 0xN100 10
Line Interface Control Register (LICR)
Hex Address: 0xN101 12
Framing Select Register (FSR)
Hex Address: 0xN107 14
Alarm Generation Register (AGR)
Hex Address: 0xN108 18
Synchronization MUX Register (SMR)
Hex Address: 0xN109 20
Transmit Signaling and Data Link Select Register (TSDLSR)
Hex Address:0xN10A 23
Framing Control Register (FCR)
Hex Address: 0xN10B 26
Receive Signaling & Data Link Select Register (RSDLSR)
Hex Address: 0xN10C 28
Receive Signaling Change Register 0 (RSCR 0)
Hex Address: 0xN10D 30
Receive Signaling Change Register 1 (RSCR 1)
Hex Address: 0xN10E 30
Receive Signaling Change Register 2 (RSCR 2)
Hex Address: 0xN10F 30
Receive Signaling Change Register 3 (RSCR 3)
Hex Address: 0xN110 31
Receive National Bits Register (RNBR)
Hex Address: 0xN111 32
Receive Extra Bits Register (REBR)
Hex Address: 0xN112 33
Data Link Control Register (DLCR1)
Hex Address: 0xN113 35
Transmit Data Link Byte Count Register (TDLBCR1)
Hex Address: 0xN114 37
Receive Data Link Byte Count Register (RDLBCR1)
Hex Address: 0xN115 38
Slip Buffer Control Register (SBCR)
Hex Address: 0xN116 39
FIFO Latency Register (FFOLR)
Hex Address: 0xN117 40
DMA 0 (Write) Configuration Register (D0WCR)
Hex Address: 0xN118 41
DMA 1 (Read) Configuration Register (D1RCR)
Hex Address: 0xN119 42
Interrupt Control Register (ICR)
Hex Address: 0xN11A 43
LAPD Select Register (LAPDSR)
Hex Address: 0xN11B 44
Performance Report Control Register (PRCR)
Hex Address: 0xN11D 44
Gapped Clock Control Register (GCCR)
Hex Address: 0xN11E 45
Transmit Interface Control Register (TICR)
Hex Address:0xN120 46
Transmit Interface Speed When Multiplexed Mode is Disabled (TxMUXEN = 0) 48
Transmit Interface Speed when Multiplexed Mode is Enabled (TxMUXEN = 1) 49
PRBS Control And Status Register 0 (PRBSCSR0)
Hex Address: 0xN121 50
Receive Interface Control Register (RICR)
Hex Address: 0xN122 52
Receive Interface Speed When Multiplexed Mode is Disabled (TxMUXEN = 0) 54
Receive Interface Speed when Multiplexed Mode is Enabled (TxMUXEN = 1) 55
PRBS Control and Status Register 1 (PRBSCSR1)
Hex Address: 0xN123 56
Loopback Code Control Register (LCCR)
Hex Address: 0xN124 58
Transmit Loopback Coder Register (TLCR)
Hex Address: 0xN125 58
Receive Loopback Activation Code Register (RLACR)
Hex Address: 0xN126 58
Receive Loopback Deactivation Code Register (RLDCR)
Hex Address: 0xN127 58
Defect Detection Enable Register (DDER)
Hex Address: 0xN129 58
Transmit Sa Select Register (TSASR)
Hex Address: 0xN130 59
Transmit Sa Auto Control Register 1 (TSACR1)
Hex Address: 0xN131 61
Conditions on Receive side When TSACR1 bits Are enabled 62
Transmit Sa Auto Control Register 2 (TSACR2)
Hex Address: 0xN132 63
Conditions on Receive side When TSACR2 bits enabled 64
Transmit Sa4 Register (TSA4R)
Hex Address: 0xN133 65
Transmit Sa5 Register (TSA5R)
Hex Address: 0xN134 65
Transmit Sa6 Register (TSA6R)
Hex Address: 0xN135 65


Similar Part No. - XRT86VX38IB256

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VX38IB256 EXAR-XRT86VX38IB256 Datasheet
551Kb / 53P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
More results

Similar Description - XRT86VX38IB256

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT86VX38A EXAR-XRT86VX38A Datasheet
731Kb / 191P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30_10 Datasheet
124Kb / 3P
   Single T1 E1 J1 Framer LIU Combo E1 Register Description
XRT86VX38 EXAR-XRT86VX38_09 Datasheet
1Mb / 200P
   8-CHANNEL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32_07 Datasheet
2Mb / 174P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38 Datasheet
2Mb / 180P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL32 EXAR-XRT86VL32 Datasheet
2Mb / 173P
   DUAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL38 EXAR-XRT86VL38_07 Datasheet
2Mb / 183P
   OCTAL T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL30 EXAR-XRT86VL30 Datasheet
821Kb / 188P
   SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com